| Electronic Components Datasheet Search |
|
L43 Marking, BAT54CW Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
||||||||||||||||||||||||||||||
BAT54CW Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
1 / 3 page ![]() DEVICE MARKING BAT54CW=L43 MAXIMUM RATINGS (T J = 125°C unless otherwise noted) Rating Symbol Value Unit Reverse Voltage V R 30 Volts Forward Power Dissipation P F @ T A = 25°C 225 mW Derate above 25°C 1.8 mW/°C Forward Current(DC) IF 200Max mA Junction Temperature T J 125Max °C Storage Temperature Range T stg –55 to +150 °C ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) Characteristic Symbol Min Typ Max Unit Reverse Breakdown Voltage (I R = 10 µA) V(BR)R 30 — — Volts Total Capacitance (V R = 1.0 V, f = 1.0 MHz) CT — 7.6 16 pF Reverse Leakage (V R = 25 V) IR — 0.5 2.0 µAdc Forward Voltage (I F = 0.1 mAdc) VF — 0.22 0.24 Vdc Forward Voltage (I F = 30 mAdc) VF — 0.41 0.5 Vdc Forward Voltage (I F = 100 mAdc) VF — 0.52 1 Vdc Reverse Recovery Time (I F = I R = 10 mAdc, I R(REC) = 1.0 mAdc, Figure 1) trr — — 5.0 ns Forward Voltage (I F = 1.0 mAdc) VF — 0.29 0.32 Vdc Forward Voltage (I F = 10 mAdc) VF — 0.35 0.40 Vdc Forward Current (DC) IF — — 200 mAdc Repetitive Peak Forward Current IFRM — — 300 mAdc Non–Repetitive Peak Forward Current (t < 1.0 s) IFSM — — 600 mAdc BAT54CW These Schottky barrier diodes are designed for high speed switch- ing applications, circuit protection, and voltage clamping. Extremely low forward voltage reduces conduction loss. Miniature surface mount package is excellent for hand held and portable applications where space is limited. • Extremely Fast Switching Speed • Low Forward Voltage — 0.35 Volts (Typ) @ I F = 10 mAdc 3 CATHODE ANODE 1 ANODE 2 Dual Series Schottky Barrier Diodes SOT-323 Dimensions Pin Configuration Rev : www.leiditech.com 01.06.2018 1/3 |
Similar Description - BAT54CW |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |