| Electronic Components Datasheet Search |
|
L44 Marking, BAT54S Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd |
|
||||||||||||||||||||||||||||||
BAT54S Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd |
|
1 / 21 page ![]() BAT54 Family Surface Mount Schottky Barrier Diode 1 Document No.: F41806F 07-FEB-2022 V 2.2 www.futurewafer.com.tw FQE-001-04 1-2. Feature List ● Low Turn-on Voltage ● Extremely Fast Switching Speed ● PN Junction Guard Ring for Transient and ESD Protection ● Totally Lead-Free & Fully RoHS Compliant ● Halogen and Antimony Free. “Green” Device 1-1. General Description These Schottky Barrier Diodes are Designed for High Speed Switching Applications, Circuit Protection, And Voltage Clamping. Extremely Low Forward Voltage Reduces Conduction Loss. Miniature Surface Mount Package is Excellent For Hand Held And Portable Applications Where Space is Limited. 1-3. Mechanical Characteristics ● Molded JEDEC Package - SOT-23 / - SOT-323 - SOT-363 / - SOD123 - SOD323 / - SOD323-FL - SOD523-FL / - DFN1006-2L ● Packing: Tape and Reel ● Flammability Rating UL 94V-0 ● Halogen Free ● JEDEC J-STD-20 MSL Classifications: Level 1 1. Synopsis 1-4. Device Characteristics BAT54T SOD123 BAT54 SOT-23 BAT54H SOD323 BAT54CW SOT-323 BAT54WS SOD323-FL BAT54BRW SOT-363 BAT54K SOD523-FL BAT54L DFN1006-2L Maximum Ratings@25°C Unless Otherwise Specified Parameter Symbol Values Units Peak Repetitive Reverse Voltage V RRM 30 V Working Peak Reverse Voltage V RWM DC Reverse Voltage V R Average Forward Current I F 200 mA Non-repetitive Peak Forward Surge Current @ T = 1.0s I FSM 600 Power Dissipation P D 200 mW Operating and Storage Temperature T J °C -65 ~ +150 T STG |
Similar Description - BAT54S |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |