| Electronic Components Datasheet Search |
|
LM324 Marking, LM324DRG3 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
||||||||||||||||||||||||||||||
LM324DRG3 Datasheet(HTML) 5 Page - Texas Instruments |
|
5 / 53 page ![]() 6 Specifications 6.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)(1) LM324B, LM324BA, LM2902B, LM2902BA LM2902 LM324xx, LM224xx, LM2902xxx, LM124x UNIT MIN MAX MIN MAX MIN MAX Supply voltage, VCC (2) 40 26 32 V Differential input voltage, VID (3) ±40 ±26 ±32 V Input voltage, VI (either input) –0.3 40 –0.3 26 –0.3 32 V Duration of output short circuit (one amplifier) to ground at (or below) TA = 25°C, VCC ≤ 15 V(4) Unlimited Unlimited Unlimited Operating virtual junction temperature, TJ 150 150 150 °C Case temperature for 60 seconds FK package 260 °C Lead temperature 1.6 mm (1/16 inch) from case for 60 seconds J or W package 300 300 °C Storage temperature, Tstg –65 150 –65 150 –65 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND. (3) Differential voltages are at IN+, with respect to IN−. (4) Short circuits from outputs to VCC can cause excessive heating and eventual destruction. 6.2 ESD Ratings VALUE UNIT LM324B, LM324BA, LM2902B, LM2902BA, LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV V(ESD) Electrostatic discharge Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±2000 V Charged-device model (CDM), per JEDEC specification JESD22-C101 ±1000 LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902 V(ESD) Electrostatic discharge Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±500 V Charged-device model (CDM), per JEDEC specification JESD22-C101 ±1000 (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. 6.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) LM324B, LM324BA, LM2902B, LM2902BA LM2902 LM324xx, LM224xx, LM2902xxx, LM124x UNIT MIN MAX MIN MAX MIN MAX VCC Supply voltage 3 36 3 26 3 30 V VCM Common-mode voltage 0 VCC – 2 0 VCC – 2 0 VCC – 2 V TA Operating free air temperature LM124x –55 125 °C LM2902xxx, LM2902Bx -40 125 –40 125 LM324Bx -40 85 LM224xx –25 85 LM324xx 0 70 www.ti.com LM124, LM124A, LM224, LM224A, LM224K, LM224KA LM324, LM324A, LM324B, LM324K, LM324KA LM2902, LM2902B, LM2902K, LM2902KV, LM2902KAV SLOS066Y – SEPTEMBER 1975 – REVISED OCTOBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 5 Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324K LM324KA LM2902 LM2902B LM2902K LM2902KV LM2902KAV |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |