| Electronic Components Datasheet Search |
|
LM324 Marking, LM324DRG3 Datasheet(PDF) 8 Page - Texas Instruments |
|
|
||||||||||||||||||||||||||||||
LM324DRG3 Datasheet(HTML) 8 Page - Texas Instruments |
|
8 / 53 page ![]() 6.5 Electrical Characteristics - LM324B and LM324BA (continued) For VS = (V+) – (V–) = 5 V to 36 V (±2.5 V to ±18 V), at TA = 25°C, VCM = VOUT = VS / 2, and RL = 10k connected to VS / 2 (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT RO Open-loop output impedance f = 1 MHz, IO = 0 A 300 Ω POWER SUPPLY IQ Quiescent current per amplifier VS = 5 V; IO = 0 A TA = –40°C to 85°C 240 300 μA VS = 36 V; IO = 0 A TA = –40°C to 85°C 350 750 μA (1) Specified by design and characterization only. LM124, LM124A, LM224, LM224A, LM224K, LM224KA LM324, LM324A, LM324B, LM324K, LM324KA LM2902, LM2902B, LM2902K, LM2902KV, LM2902KAV SLOS066Y – SEPTEMBER 1975 – REVISED OCTOBER 2022 www.ti.com 8 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324K LM324KA LM2902 LM2902B LM2902K LM2902KV LM2902KAV |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |