Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AD00 Marking, AOZ6606PI Datasheet(PDF) 13 Page - Alpha & Omega Semiconductors

Part # AOZ6606PI
Description  EZBuckTM 6A Synchronous Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ6606PI Datasheet(HTML) 13 Page - Alpha & Omega Semiconductors

Back Button AOZ6606PI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ6606PI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ6606PI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ6606PI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ6606PI Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ6606PI Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ6606PI Datasheet HTML 14Page - Alpha & Omega Semiconductors AOZ6606PI Datasheet HTML 15Page - Alpha & Omega Semiconductors AOZ6606PI Datasheet HTML 16Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Rev. 1.1 November 2018
www.aosmd.com
Page 13 of 16
AOZ6606PI
The power dissipation of inductor can be approximately
calculated by output current and DCR of inductor.
The actual junction temperature can be calculated with
power dissipation in the AOZ6606PI and thermal
impedance from junction to ambient.
The maximum junction temperature of AOZ6606PI is
150ºC, which limits the maximum load current capability.
The thermal performance of the AOZ6606PI is strongly
affected by the PCB layout. Extra care should be taken
by users during design process to ensure that the IC will
operate
under
the
recommended
environmental
conditions.
1. The exposed pad (LX) is connected to internal
Highside FET source and Lowside FET drains.
Connect a large copper plane to LX pin to help ther-
mal dissipation.
2. Do not use thermal relief connection to the VIN and
the GND pin. Pour a maximized copper area to the
GND pin and the VIN pin to help thermal dissipation.
3. Input capacitor should be connected to the VIN pin
and the GND pin as close as possible.
4. Make the current trace from LX pins to L to Co to the
GND as short as possible.
5. Pour copper plane on all unused board area and
connect it to stable DC nodes, like VIN, GND or
VOUT.
6. Keep sensitive signal trace away from the LX pad.
Pinductor_loss IO2 Rinductor 1.1
=
Tjunction
Ptotal_loss Pinductor_loss
–
 
JA
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com