Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AD00 Marking, AOZ6606PI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ6606PI
Description  EZBuckTM 6A Synchronous Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ6606PI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ6606PI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ6606PI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ6606PI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ6606PI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ6606PI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ6606PI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ6606PI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ6606PI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ6606PI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Rev. 1.1 November 2018
www.aosmd.com
Page 2 of 16
AOZ6606PI
Ordering Information
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/media/AOSGreenPolicy.pdf for additional information.
Pin Configuration
Pin Description
Part Number
Ambient Temperature Range
Package
Environmental
AOZ6606PI
-40°C to +85°C
8-Pin EPAD SO
Green Product
Pin Number
Pin Name
Pin Function
1
SS
Soft Start Pin.
2
EN
Enable pin. Logic high to enable the device.
3VIN
Supply voltage input. When VIN rises above the UVLO threshold and EN is logic high, the
device starts up.
4
GND
Power ground.
5
BST
Bootstrap. Requires a capacitor connected between LX and BST to form a floating supply
across the high-side switch driver.
6
VCC
Internal LDO output.
7COMP
External loop compensation pin. Connect a RC network between COMP and GND to com-
pensate the control loop.
8FB
Feedback input. The FB pin is used to set the output voltage via a resistive voltage divider
between the output and GND.
Exposed Pad
LX
Switching node. LX is the drain of the internal low-side power FETs.
1
2
3
4
8
7
6
5
EN
VIN
BST
FB
COMP
VCC
GND
SS
LX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com