| Electronic Components Datasheet Search |
|
7C Marking, PDTA115EU Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved |
|
||||||||||||||||||||||||||||||
PDTA115EU Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved |
|
6 / 15 page ![]() 2004 Jul 30 5 NXP Semiconductors Product data sheet PNP resistor-equipped transistors; R1 = 100 k Ω, R2 = 100 kΩ PDTA115E series THERMAL CHARACTERISTICS Notes 1. Refer to standard mounting conditions. 2. Reflow soldering is the only recommended soldering method. 3. Refer to SOT883 standard mounting conditions; FR4 with 60 μm copper strip line. CHARACTERISTICS Tamb = 25 °C unless otherwise specified. SYMBOL PARAMETER CONDITIONS VALUE UNIT Rth(j-a) thermal resistance from junction to ambient Tamb ≤ 25 °C SOT23 note 1 500 K/W SOT54 note 1 250 K/W SOT323 note 1 625 K/W SOT346 note 1 500 K/W SOT416 note 1 833 K/W SOT490 notes 1 and 2 500 K/W SOT883 notes 2 and 3 500 K/W SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT ICBO collector-base cut-off current VCB = −50 V; IE = 0 A − − −100 nA ICEO collector-emitter cut-off current VCE = −30 V; IB = 0 A − − −1 μA VCE = −30 V; IB = 0 A; Tj = 150 °C − − −50 μA IEBO emitter-base cut-off current VEB = −5 V; IC = 0 A − − −50 μA hFE DC current gain VCE = −5 V; IC = −5 mA 80 − − VCEsat collector-emitter saturation voltage IC = −5 mA; IB = −0.25 mA − − −150 mV Vi(off) input-off voltage IC = −100 μA; VCE = −5 V − −1.2 −0.5 V Vi(on) input-on voltage IC = −1 mA; VCE = −0.3 V −3 −1.6 − V R1 input resistor 70 100 130 k Ω resistor ratio 0.8 1 1.2 Cc collector capacitance IE = ie = 0 A; VCB = −10 V; f = 1 MHz − − 3 pF R2 R1 -------- |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |