| Electronic Components Datasheet Search |
|
7C Marking, PDTA115EU Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved |
|
||||||||||||||||||||||||||||||
PDTA115EU Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved |
|
11 / 15 page ![]() 2004 Jul 30 10 NXP Semiconductors Product data sheet PNP resistor-equipped transistors; R1 = 100 k Ω, R2 = 100 kΩ PDTA115E series UNIT A REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA mm 5.2 5.0 b 0.48 0.40 c 0.45 0.38 D 4.8 4.4 d 1.7 1.4 E 4.2 3.6 L 14.5 12.7 e 2.54 e1 1.27 L1 (1) max. 2.5 b1 0.66 0.55 DIMENSIONS (mm are the original dimensions) Note 1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities. SOT54 TO-92 SC-43A 04-06-28 04-11-16 A L 0 2.5 5 mm scale b c D b1 L1 d E Plastic single-ended leaded (through hole) package; 3 leads SOT54 e1 e 1 2 3 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |