| Electronic Components Datasheet Search |
|
AD244 Marking, SN74ACT244PWR Datasheet(PDF) 4 Page - Texas Instruments |
|
|
||||||||||||||||||||||||||||||
SN74ACT244PWR Datasheet(HTML) 4 Page - Texas Instruments |
|
4 / 38 page ![]() 6 Specifications 6.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)(1) MIN MAX UNIT VCC Supply voltage –0.5 7 V VI Input voltage(2) –0.5 VCC + 0.5 V VO Output voltage(2) –0.5 VCC + 0.5 V IIK Input clamp current VI < 0 or VI > VCC ±20 mA IOK Output clamp current VO < 0 or VO > VCC ±20 mA IO Continuous output current VO = 0 to VCC ±50 mA Continuous current through VCC or GND ±200 mA TJ Absolute Maximum Junction Temperature 150 °C Tstg Storage temperature –65 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 6.2 ESD Ratings VALUE UNIT SN74ACT244 in DW Package V(ESD) Electrostatic discharge Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±3000 V Charged-device model (CDM), per JEDEC specification JESD22- C101(2) ±2000 SN54ACT244 in J, W, DB, N, NS, PW, FK Packages V(ESD) Electrostatic discharge Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±2000 V (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 6.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted)(1) MIN MAX UNIT VCC Supply voltage 4.5 5.5 V VIH High-level input voltage 2 V VIL Low-level input voltage 0.8 V VI Input voltage 0 VCC V VO Output voltage 0 VCC V IOH High-level output current –24 mA IOL Low-level output current 24 mA Δt/Δv Input transition rise or fall rate 8 ns/V TA Operating free-air temperature SN54ACT244 –55 125 °C SN74ACT244 –40 85 (1) All unused inputs of the device must be held at VCC or GND for proper device operation. See the TI application report, Implications of Slow or Floating CMOS Inputs. SN54ACT244, SN74ACT244 SCAS517E – JUNE 1995 – REVISED JULY 2023 www.ti.com 4 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: SN54ACT244 SN74ACT244 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |