| Electronic Components Datasheet Search |
|
AD244 Marking, SN74ACT244PWR Datasheet(PDF) 6 Page - Texas Instruments |
|
|
||||||||||||||||||||||||||||||
SN74ACT244PWR Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 38 page ![]() 6.5 Electrical Characteristics (continued) over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC MIN TYP MAX UNIT VOL IOL = 50 µA TA = 25°C 4.5 V 0.001 0.1 V SN54ACT244 0.1 SN74ACT244 0.1 TA = 25°C 5.5 V 0.001 0.1 SN54ACT244 0.1 SN74ACT244 0.1 IOL = 24 mA TA = 25°C 4.5 V 0.36 SN54ACT244 0.5 SN74ACT244 0.44 TA = 25°C 5.5 V 0.36 SN54ACT244 0.5 SN74ACT244 0.44 IOL = 50 mA(1) SN54ACT244 5.5 V 1.65 IOL = 75 mA(1) SN74ACT244 5.5 V 1.65 IOZ VO = VCC or GND TA = 25°C 5.5 V ±0.25 µA SN54ACT244 ±5 SN74ACT244 ±2.5 II VI = VCC or GND TA = 25°C 5.5 V ±0.1 µA SN54ACT244 ±1 SN74ACT244 ±1 ICC VI = VCC or GND, IO = 0 TA = 25°C 5.5 V 4 µA SN54ACT244 80 SN74ACT244 40 ΔICC (2) One input at 3.4 V, Other inputs at GND or VCC TA = 25°C 5.5 V 0.6 mA SN54ACT244 1.6 SN74ACT244 1.5 CI VI = VCC or GND TA = 25°C 5 V 2.5 pF Co VI = VCC or GND TA = 25°C 5 V 8 pF (1) Not more than one output should be tested at a time, and the duration of the test should not exceed 2 ms. (2) This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or VCC. 6.6 Switching Characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 7-1) PARAMETER FROM (INPUT) TO (OUTPUT) TEST CONDITIONS MIN TYP MAX UNIT tPLH A Y TA = 25°C 2 6.5 9 ns SN54ACT244 1 10 SN74ACT244 1.5 10 tPHL TA = 25°C 2 7 9 SN54ACT244 1 10 SN74ACT244 1.5 10 SN54ACT244, SN74ACT244 SCAS517E – JUNE 1995 – REVISED JULY 2023 www.ti.com 6 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: SN54ACT244 SN74ACT244 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |