Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

DAP018x Marking, DAP018BDR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # DAP018BDR2G
Description  PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP018BDR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button DAP018BDR2G Datasheet HTML 3Page - ON Semiconductor DAP018BDR2G Datasheet HTML 4Page - ON Semiconductor DAP018BDR2G Datasheet HTML 5Page - ON Semiconductor DAP018BDR2G Datasheet HTML 6Page - ON Semiconductor DAP018BDR2G Datasheet HTML 7Page - ON Semiconductor DAP018BDR2G Datasheet HTML 8Page - ON Semiconductor DAP018BDR2G Datasheet HTML 9Page - ON Semiconductor DAP018BDR2G Datasheet HTML 10Page - ON Semiconductor DAP018BDR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
DAP018A/B/C/D/F
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −25°C to +125°C, Max TJ = 150°C, VCC = 12 V unless otherwise noted)
INTERNAL RAMP COMPENSATION
Symbol
Rating
Pin
Min
Typ
Max
Unit
Vramp
Internal ramp level @ 25°C (Note 2)
7
3.0
V
Rramp
Internal ramp resistance to CS pin (Note 2)
7
20
kW
PROTECTIONS
Symbol
Rating
Pin
Min
Typ
Max
Unit
Vlatch
Latching level input
2
2.85
3
3.25
V
Tlatch−del Delay before latch confirmation
−
20
ms
VtimFault Timer level completion
3
4.3
V
Itim
Timer capacitor charging current
3
12
mA
TimerL
Timer length, Ctimer = 0.22 mF typical
3
100
ms
VBO
Brown−Out level – B & D versions
11
0.95
1
1.05
V
IBO
Hysteresis current, Vpin 11 < VBO – B & D versions, TJ = 25°C
11
9
10
11
mA
IBO
Hysteresis current, Vpin 11 < VBO – B & D versions, −25°C < TJ < 25°C
11
8.6
10
11
mA
IBObias
Brown−Out input bias current – B & D versions
11
0.02
mA
TBO−del
Delay before brown−out confirmation
−
20
ms
IOTP
Over temperature shutdown current (Note 3)
12
101
113
124
mA
VOTP
Over temperature latching voltage (Note 3)
12
0.95
1
1.05
V
TSD
Temperature shutdown
−
140
°C
TSD_hys
Temperature shutdown hysteresis
−
40
°C
1. See characterization table for linearity over negative bias voltage.
2. Guaranteed by design.
3. The OTP parameters are selected to cope with a TTC03−474 which offers a resistance of 8.8 kW when heated to a temperature of 110°C.
4. The brown−out circuitry is disabled on versions A & C and operates on versions B & D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com