Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

DAP018x Marking, DAP018BDR2G Datasheet(PDF) 24 Page - ON Semiconductor

Part # DAP018BDR2G
Description  PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP018BDR2G Datasheet(HTML) 24 Page - ON Semiconductor

Back Button DAP018BDR2G Datasheet HTML 20Page - ON Semiconductor DAP018BDR2G Datasheet HTML 21Page - ON Semiconductor DAP018BDR2G Datasheet HTML 22Page - ON Semiconductor DAP018BDR2G Datasheet HTML 23Page - ON Semiconductor DAP018BDR2G Datasheet HTML 24Page - ON Semiconductor DAP018BDR2G Datasheet HTML 25Page - ON Semiconductor DAP018BDR2G Datasheet HTML 26Page - ON Semiconductor DAP018BDR2G Datasheet HTML 27Page - ON Semiconductor DAP018BDR2G Datasheet HTML 28Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
DAP018A/B/C/D/F
http://onsemi.com
24
Figure 48. A Pulldown Resistor Adjusts the Foldback Level
Foldback
Circuitry
-
+
Rload
Vfold
5
6
7
/ 4.2
/ 4.2
+
-
LEB
0.8 V
C1
10 nF
VDD
Ifold
10 m
Clock
300 mV
Skip Cycle
Comparator
Current Sense
Comparator
Reset
This point cannot
be lower than
Vfold / 4.2
Bias Reduction in Light Load
When the power supply enters deep standby mode
(skip−cycle is active), a comparator instructs the controller
that it entered in light load conditions. When this happens,
the circuit reduces various internal bias currents to further
bring its consumption down and improve the consumption
in no−load conditions.
Frequency Jittering
Frequency jittering is a method used to soften the EMI
signature by spreading the energy in the vicinity of the main
switching component. Speedking II offers a
±5% deviation
of the nominal switching frequency. The sweep sawtooth is
internally generated and modulates the clock up and down
with an adjustable period. Figure 49 displays the internal
arrangement around pin 4. It is actually a I – 2I generator,
producing a clean 50% duty−cycle sawtooth. If we take a
2 V swing on the jitter capacitor, then we calculate the
needed value for a 4 ms period, or a 250 Hz modulation
speed, again applying the V x C = I x t relationship. We need
2 ms to ramp−up and 2 ms to ramp down, therefore: C = 20
m
x 2 m / 2 = 20 nF. If we select a 22 nF, then our modulation
frequency will be around 227 Hz... Figure 50 shows the
relationship between the jitter ramp and the frequency
deviation.
Figure 49. An Internal Ramp is Used to Introduce
Frequency Jittering on the Oscillator Sawtooth
-
+
+
Frequency
Modulation
To Clock
Circuit
Ctimer
4
Jitter
VDD
VCjitP
VCjitV
ICjit
2.iCjit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com