| Electronic Components Datasheet Search |
|
DAP018x Marking, DAP018CDR2G Datasheet(PDF) 5 Page - ON Semiconductor |
|
||||||||||||||||||||||||||||||
DAP018CDR2G Datasheet(HTML) 5 Page - ON Semiconductor |
|
5 / 28 page ![]() DAP018A/B/C/D/F http://onsemi.com 5 MAXIMUM RATINGS TABLE Symbol Rating Value Unit VCCmax Maximum Power Supply Voltage, VCC Pin, Continuous Voltage −0.3 to 28 V ICCmax Maximum Current for VCC Pin $30 mA Maximum Voltage on Low Power Pins (Except Pins 9, 10 and 14) −0.3 to 10 V IOPP Maximum Injected Negative Current into the OPP Pin (Pin 1) −2 mA RθJ−A Thermal Resistance Junction−to−Air 120 °C/W TJMAX Maximum Junction Temperature 150 °C Storage Temperature Range −60 to +150 °C ESD Capability, Human Body Model (All pins except HV) 2 kV ESD Capability, Machine Model 180 V Maximum Voltage on Pin 14 (HV) −0.3 to 500 V Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. NOTES:This device(s) contains ESD protection and exceeds the following tests: Human Body Model 2000V per JEDEC Standard JESD22−A114E Machine Model 200V per JEDEC Standard JESD22−A115−A This device contains latch−up protection and exceeds 100 mA per JEDEC Standard JESD78 except pin 12. ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = −25°C to +125°C, Max TJ = 150°C, VCC = 12 V unless otherwise noted) Symbol Rating Pin Min Typ Max Unit SUPPLY SECTION VCCON VCC increasing level at which the current source turns−off 10 14 15 16 V VCC(min) VCC level below which output pulses are stopped 10 8 9 10 V VCClatch VCC decreasing level at which the latch−off phase ends 10 7.2 7.5 8.0 V VCCreset Internal latch reset level 10 5 V resetHyst Minimum voltage difference between VCClatch and VCCreset, TJ > 0°C − 0.8 V VCCTSD VCC voltage when the TSD is activated (Note 2) − 6.5 7.1 V ICC1 Internal IC consumption, no output load on pin 9 10 1.9 mA ICC1light ICC1 for a feedback voltage equal to Vfold (internal bias reduction) 10 1.5 mA ICC2 Internal IC consumption, 1 nF output load on pin 9 10 2.7 mA ICC3 Internal IC consumption, latch−off phase 10 0.6 mA ITSD Current consumption in TSD mode − 400 mA INTERNAL START−UP CURRENT SOURCE – High−voltage pin biased to 60 Vdc. Symbol Rating Pin Min Typ Max Unit IC2 High−voltage current source, VCC = 10 V 14 3 6 9 mA IC1 High−voltage current source, VCC = 0, TJ = 25°C 14 150 650 1200 mA VTh VCC transition level for IC1 to IC2 toggling point 14 0.9 V Ileak Leakage current for the high voltage source, Vpin 14 = 500 Vdc, VCC = 12 V, TJ > 0°C 14 1 15 30 mA DRIVE OUTPUT Symbol Rating Pin Min Typ Max Unit Tr Output voltage rise−time @ CL = 1 nF, 10−90% of a 12 V output signal 9 − 40 − ns 1. See characterization table for linearity over negative bias voltage. 2. Guaranteed by design. 3. The OTP parameters are selected to cope with a TTC03−474 which offers a resistance of 8.8 kW when heated to a temperature of 110°C. 4. The brown−out circuitry is disabled on versions A & C and operates on versions B & D. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |