Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

DAP018x Marking, DAP018CDR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # DAP018CDR2G
Description  PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP018CDR2G Datasheet(HTML) 1 Page - ON Semiconductor

  DAP018CDR2G Datasheet HTML 1Page - ON Semiconductor DAP018CDR2G Datasheet HTML 2Page - ON Semiconductor DAP018CDR2G Datasheet HTML 3Page - ON Semiconductor DAP018CDR2G Datasheet HTML 4Page - ON Semiconductor DAP018CDR2G Datasheet HTML 5Page - ON Semiconductor DAP018CDR2G Datasheet HTML 6Page - ON Semiconductor DAP018CDR2G Datasheet HTML 7Page - ON Semiconductor DAP018CDR2G Datasheet HTML 8Page - ON Semiconductor DAP018CDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© Semiconductor Components Industries, LLC, 2009
July, 2009 − Rev. 0
1
Publication Order Number:
DAP018/D
Customer Specific Device from ON Semiconductor
PWM Current-Mode
Controller for High-Power
Universal Off-Line Supplies
Housed in a SO−14 package, the DAP018X represents an
enhanced version of the currently available Speedking
controller, the DAP011.
With an internal structure operating at a fixed 65 kHz or
100 kHz frequency, the controller directly connects to the
high−voltage rail for a lossless and clean startup sequence.
Current−mode control also provides an excellent input
audio−susceptibility and inherent pulse−by−pulse control.
Internal ramp compensation easily prevents sub−harmonic
oscillations from taking place in continuous conduction
mode designs. On top of these features, the device takes
advantage of the auxiliary winding negative swing to let the
user adjust the maximum power the converter can deliver in
high line conditions (OPP).
When the current setpoint falls below a given value, e.g.
the output power demand diminishes, the IC automatically
freezes the peak current and reduces its switching frequency
down to 25 kHz. At this point, if further output power
reduction occurs, the controller enters skip−cycle.
The DAP018X features an efficient protective circuitry
which, in presence of an overcurrent condition, disables the
output pulses while the device enters a safe burst mode,
trying to re−start. Once the fault has gone, the device
auto−recovers. By implementing a timer to acknowledge a
fault condition, independently from the auxiliary supply, the
designer’s task is eased when stringent fault mode
conditions need to be met.
A dedicated input helps triggering a latch−off circuitry
which permanently disables output pulses, for instance to
implement an over voltage protection (OVP). A separate
input accepts a direct NTC connection to ground for a simple
and efficient over temperature protection (OTP).
Features
• Fixed−frequency 65 kHz (A and B versions) or 100 kHz
(C and D versions) Current−mode Control Operation
• Internal and Adjustable Over Power Protection (OPP)
Circuit
• Frequency Foldback down to 25 kHz and Skip−cycle in
Light Load Conditions
• Reduced Internal Bias Currents for Improved Standby
Performance
• Adjustable Brown−out Protection (B and D versions)
• Internal Ramp Compensation
• Internal Fixed 5 ms Soft−Start
• Adjustable Frequency Jittering for Better EMI Signature
• Auto−recovery internal output short−circuit protection
for A, B, C and D versions. F is latched
• Adjustable Timer for Improved Short−circuit Protection
• OTP and OVP Inputs for Improved Robustness
• +500 mA / −800 mA Peak Current Capability
• Up to 28 V VCC Operation
• Improved Creepage Distance between High−voltage
and Adjacent Pin
• Extremely Low No−load Standby Power
• This is a Pb−Free Device
• This Device uses Halogen−Free Molding Compound
Typical Applications
• High Power ac−dc Converters for TVs, Set−top Boxes etc.
• Offline Adapters for Notebooks
MARKING
DIAGRAM
PIN CONNECTIONS
SOIC−14
D SUFFIX
CASE 751A
(Top View)
1
14
DAP018x
AWLYWWG
1
14
x
= Device Version
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
CTimer
OVP
OPP
Jittering
Fold
FB
CS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
HV
NC
OTP
BO(B&D)
VCC
DRV
GND
†For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our Tape and Reel
Packaging Specifications Brochure, BRD8011/D.
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
DAP018A/B/C/D/F


Similar Description - DAP018CDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1217 ONSEMI-NCP1217 Datasheet
195Kb / 18P
Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2004 ??Rev. 3
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1217 ONSEMI-NCP1217_10 Datasheet
413Kb / 19P
Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1217D65 ONSEMI-NCP1217D65 Datasheet
413Kb / 19P
Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
NCP1217A ONSEMI-NCP1217A_15 Datasheet
305Kb / 19P
Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com