| Electronic Components Datasheet Search |
|
M05 Marking, SM05 Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd. |
|
||||||||||||||||||||||||||||||
SM05 Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd. |
|
2 / 3 page ![]() ABSOLUTE MAXIMUM RATING Symbol Parameter Value Units VESD ESD per IEC 61000-4-2 (Air) ESD per IEC 61000-4-2 (Contact) ±15 ±8 kV PPP Peak Pulse Power (8/20μs) 350 W TOPT Operating Temperature -55/+150 °C TSTG Storage Temperature -55/+150 °C TL Lead Soldering Temperature 260 (10 sec.) °C ELECTRICAL CHARACTERISTICS (Tamb=25 °C) PART NUMBER DEVICE MARKING VRWM VB IT VC@1A VC IR CJ (V) (V) (mA) (V) (V) (µA) (pF) (max.) (min.) (max.) (max.) (@A) (max.) (max.) UMW SM03 M03 3.3 4 1 7.0 14 20 40 450 UMW SM05 M05 5 6 1 9.8 18 17 10 300 UMW SM08 M08 8 8.5 1 13.4 24 15 2 240 UMW SM12 M12 12 13.3 1 19 32 11 1 130 UMW SM15 M15 15 16.7 1 24 38 10 1 120 UMW SM18 M18 18 20 1 29 45 9 1 100 UMW SM20 M20 20 22.3 1 35 50 8 1 90 UMW SM24 M24 24 26.7 1 43 52 7 1 80 UMW SM36 M36 36 40 1 60 75 5 1 60 www.umw-ic.com 2 友台半导体有限公司 SMxx TVS Diode Array |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |