| Electronic Components Datasheet Search |
|
M05 Marking, SM05 Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd. |
|
||||||||||||||||||||||||||||||
SM05 Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd. |
|
1 / 3 page ![]() SMxx TVS Diode Array DESCRIPTION FEATURES The SMxx Series is designed for applications requiring transient overvoltage protection capability. They are intended for use in voltage and ESD sensitive equipment such as computers, printers, business machines, communication systems, medical equipment and other applications. These devices are ideal for situations where board space is at a premium. This series has been specifically designed to protect sensitive components which are connected to power 、 data and transmission lines from overvoltage caused by ESD(electrostatic discharge), CDE (Cable Discharge Events),and EFT (electrical fast transients). IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact) IEC61000-4-4 (EFT) 40A (5/50ηs) 350 Watts Peak Pulse Power per (tp=8/20μs) Protects one bidirectional line or two unidirectional lines Low clamping voltage Working voltages : 3.3V to 36V Low leakage current MACHANICAL DATA SOT-23 package Flammability Rating: UL 94V-0 Packaging: Tape and Reel High temperature soldering guaranted:260 ℃ /10s Reel size: 7 inch MSL 1 APPLICATIONS Cell Phone Handsets and Accessories Microprocessor based equipment Personal Digital Assistants (PDA’s) Notebooks, Desktops, and Servers Portable Instrumentation Networking and Telecom Serial and Parallel Ports. Peripherals ■ ■ ■ ■ ■ ■ ■ ■ ■ ■ ■ ■ ■ ■ ■ ■ ■ ■ ■ ■ ■ www.umw-ic.com 1 友台半导体有限公司 |
Similar Description - SM05 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |