| Electronic Components Datasheet Search |
|
03P30 Marking, RM03P30S2E Datasheet(PDF) 2 Page - Rectron Semiconductor |
|
||||||||||||||||||||||||||||||
RM03P30S2E Datasheet(HTML) 2 Page - Rectron Semiconductor |
|
2 / 9 page ![]() -30 Electrical Characteristics (TC=25 unless otherwise noted) Parameter Symbol Condition Min Typ Max Unit Off Characteristics Drain-Source Breakdown Voltage BVDSS VGS=0V ID Zero Gate Voltage Drain Current IDSS VDS=-24V,VGS Gate-Body Leakage Current IGSS VGS=±8V,V DS =0V - - ±10 On Characteristics (Note 3) Gate Threshold Voltage VGS(th) VDS=VGS,ID Drain-Source On-State Resistance RDS(ON) VGS= -4.5V, I = -0.5A D Forward Transconductance gFS VDS=-10V,ID=-0.2A - 0.16 - S Dynamic Characteristics (Note4) Input Capacitance Clss PF Output Capacitance Coss PF Reverse Transfer Capacitance Crss VDS=-15V,VGS=0V, F=1.0MHz PF Switching Characteristics (Note 4) Turn-on Delay Time td(on) nS Turn-on Rise Time tr nS Turn-Off Delay Time td(off) nS Turn-Off Fall Time tf VDD=-20V, R 250 L VGS=-4.5V,R =6 G nS Total Gate Charge Qg nC Gate-Source Charge Qgs nC Gate-Drain Charge Qgd VDS=-30,ID=-20A, VGS=-10V Drain-Source Diode Characteristics Diode Forward Voltage (Note 3) VSD VGS=0V,IS=-0.5A - 1.3 V Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature. 2. 3. 4. Guaranteed by design, not subject to production 5. EAS condition: Tj=25 ,VDD=-30V,VG AS=38A A -0.4 -0.7 -1.0 VGS= -2.5V, I = - 0.2A D - 1.7 2.5 - 2 2.9 0.8 nC - 19 38 - 30 - - 65 130 - 38 - - 0.55 0.72 - 0.23 - - 0.09 - - 31 46 - 6.5 - - 2.3 - |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |