| Electronic Components Datasheet Search |
|
ETA9741 Marking, ETA9741E8A Datasheet(PDF) 2 Page - ETA SOLUTIONS CO. LIMITED |
|
||||||||||||||||||||||||||||||
ETA9741E8A Datasheet(HTML) 2 Page - ETA SOLUTIONS CO. LIMITED |
|
2 / 3 page ![]() ETA9741 www.etasolution.com 2 Powering Minds of the Smart PIN CONFIGURATION ABSOLUTE MAXIMUM RATINGS (Note: Exceeding these limits maydamage the device. Exposure to absolute maximum rating conditions for long periods may affect device reliability.) OUT, SW Voltage ..........................................................–0.3V to 6V All Other Pin Voltage ..................................................–0.3V to 6V SW to ground current……………………..…………...Internally limited Operating Temperature Range …………………....…–40°C to 85°C Storage Temperature Range ……..……….………….–55°C to 150°C Thermal Resistance JA Jc ESOP8 …………………………………………...10……………50............ °C/W Lead Temperature (Soldering, 10ssec) ……………………….260°C ESD HBM (Human Body Mode) …………….………………..………….2KV ESD MM (Machine Mode) ……………………..………………………….200V ELECTRICAL CHACRACTERISTICS (VIN = 5V, unless otherwise specified. Typical values are at TA = 25oC.) PARAMETER CONDITIONS MIN TYP MAX UNITS BUCK MODE USB Range 4.5 5.5 V USB UVLO Voltage Rising, Hys=500mV 4.5 V USB Operating Current as BUCK Switcher Enable, Switching 5 mA Switcher Enable, No Switching 800 μA BATTERY CHARGER Battery CV Voltage IBAT =0mA, default 4.17 4.21 4.25 V Charger Restart Threshold From DONE to Fast Charge -160 mV Battery Pre-Condition Voltage VBATRising Hys=250mV 2.8 V Pre-Condition Charge Current 200 mA Fast Charge Current 2 A Charge Termination Current 200 mA Charge Termination Blanking time 16 S BOOST MODE BATT Ok Threshold Rising, HYS=0.4 V 3.2 V Output Voltage Range Iout=0 5.05 5.1 5.15 V Quiescent Current At BATT Vbat=3.6V 80 μA Switching Frequency VIN<4.3V 550 650 750 KHz Inductor Peak Current Limit 5.0 A Maximum Duty Cycle 90 % High side Pmos Rdson ISW =500mA 75 mΩ Low side Nmos Rdson ISW =500mA 70 mΩ |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |