| Electronic Components Datasheet Search |
|
ETA9741 Marking, ETA9741E8A Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED |
|
||||||||||||||||||||||||||||||
ETA9741E8A Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED |
|
1 / 3 page ![]() ETA9741 www.etasolution.com 1 Powering Minds of the Smart 2A Switching Charger, 2.4A Boost and Fuel Gauge with Single Inductor DESCRIPTION FEATURES ETA9741 is a switching Li-Ion battery charger capable of delivering 2A of charging current to the battery and also capable of delivering up to 5V/2.4A in boost operation, with high efficiency in both charging mode and boost mode. It also includes a fuel gauge system for power indication. For charging, it uses a proprietary control scheme that eliminates the current sense resistor for conventional constant current control, maximizing efficiency, reducing charging time and reducing costs. It can also output a 5V voltage in the reversed direction by boosting from the battery. It only needs a single inductor to provide power bi- directionally with a proprietary automatic mode detect and switch scheme. ETA9741 is an ideal all-in-one solution for battery charging and discharge applications, such as power banks, smart phones, and tablets with only one USB port that can be used for charging battery function. ETA9741 is suitable for charging a 4.2V Li-ion battery. And ETA9741 is in ESOP8 package. Bi-Directional Power conversion with Single Inductor Automatic Mode Switching Switching Charger 5V Synchronous Boost Up to 96% Efficiency 2A charging current and 2.4A discharging No-Battery detection No External Sense resistor 4 LEDs Fuel gauge Button Controlled APPLICATIONS Tablet, MID Smart Phone Power Bank TYPICAL APPLICATION ORDERING INFORMATION PART No. PACKAGE TOP MARK Pcs/Reel ETA9741E8A ESOP8 ETA9741 4000 |
Similar Description - ETA9741E8A |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |