| Electronic Components Datasheet Search |
|
27E65 Marking, SN8F27E65UG Datasheet(PDF) 39 Page - SONiX Technology Company |
|
||||||||||||||||||||||||||||||
SN8F27E65UG Datasheet(HTML) 39 Page - SONiX Technology Company |
|
39 / 192 page ![]() SN8F27E60 Series 8-Bit Flash Micro-Controller with Embedded ICE and ISP SONiX TECHNOLOGY CO., LTD Page 39 Version 1.4 2.4 STACK OPERATION 2.4.1 OVERVIEW The stack buffer has 8- level. These buffers are designed to push and pop up program counter’s (PC) data when interrupt service routine and “CALL” instruction are executed. The STKP register is a pointer designed to point active level in order to push or pop up data from stack buffer. The STKnH and STKnL are the stack buffers to store program counter (PC) data. RET / RETI CALL / INTERRUPT STKP = 7 STKP = 6 STKP = 5 STKP = 4 STACK Level STK7H STK6H STK5H STK4H STACK Buffer High Byte PCH STKP STK7L STK6L STK5L STK4L STACK Buffer Low Byte PCL STKP STKP - 1 STKP + 1 STKP = 3 STKP = 2 STKP = 1 STKP = 0 STK3L STK2L STK1L STK0L STK3H STK2H STK1H STK0H 2.4.2 STACK POINTER The stack pointer (STKP) is a 3-bit register to store the address used to access the stack buffer, 13-bit data memory (STKnH and STKnL) set aside for temporary storage of stack addresses. The two stack operations are writing to the top of the stack (push) and reading from the top of stack (pop). Push operation decrements the STKP and the pop operation increments each time. That makes the STKP always point to the top address of stack buffer and write the last program counter value (PC) into the stack buffer. 0EFH Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 STKP GIE LVD24 LVD33 - - STKPB2 STKPB1 STKPB0 Read/Write R/W R R - - R/W R/W R/W After reset 0 - - - - 1 1 1 Bit[2:0] STKPBn: Stack pointer (n = 0 ~ 2) Bit 7 GIE: Global interrupt control bit. 0 = Disable. 1 = Enable. Please refer to the interrupt chapter. Example: Stack pointer (STKP) reset, we strongly recommended to clear the stack pointers in the beginning of the program. MOV A, #00000111B B0MOV STKP, A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |