Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

27E65 Marking, SN8F27E65UG Datasheet(PDF) 52 Page - SONiX Technology Company

Part # SN8F27E65UG
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E65UG Datasheet(HTML) 52 Page - SONiX Technology Company

Back Button SN8F27E65UG Datasheet HTML 48Page - SONiX Technology Company SN8F27E65UG Datasheet HTML 49Page - SONiX Technology Company SN8F27E65UG Datasheet HTML 50Page - SONiX Technology Company SN8F27E65UG Datasheet HTML 51Page - SONiX Technology Company SN8F27E65UG Datasheet HTML 52Page - SONiX Technology Company SN8F27E65UG Datasheet HTML 53Page - SONiX Technology Company SN8F27E65UG Datasheet HTML 54Page - SONiX Technology Company SN8F27E65UG Datasheet HTML 55Page - SONiX Technology Company SN8F27E65UG Datasheet HTML 56Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 52
Version 1.4
4
4
4 SYSTEM CLOCK
4.1 OVERVIEW
The micro-controller is a dual clock system including high-speed and low-speed clocks. The high-speed clock includes
internal high-speed oscillator and external oscillators selected by
“High_CLK” code option. The low-speed clock is from
internal low-speed oscillator controlled by
“CLKMD” bit of OSCM register. Both high-speed clock and low-speed clock
can be system clock source through a divider to decide the system clock rate.
High-speed oscillator
Internal high-speed oscillator is 16MHz RC type called
“IHRC” and “IHRC_RTC”.
External high-speed oscillator includes crystal/ceramic (4MHz, 12MHz, 32KHz) and RC type.
Low-speed oscillator
Internal low-speed oscillator is 16KHz RC type called
“ILRC”.
System clock block diagram
Fhosc.
Fcpu = Fhosc/1 ~ Fhosc/128
Flosc.
Fcpu = Flosc/1 ~ Flosc/8
CPUM[1:0]
XIN
XOUT
STPHX
HOSC
High_Fcpu Code Option
Fosc
Fosc
CLKMD
Fcpu
Low_Fcpu Code Option
HOSC: High_Clk code option.
Fhosc: External high-speed clock / Internal high-speed RC clock.
Flosc: Internal low-speed RC clock (about 16KHz@3V and @5V).
Fosc: System clock source.
Fcpu: Instruction cycle.
4.2 FCPU (INSTRUCTION CYCLE)
The system clock rate is instruction cycle called
“Fcpu” which is divided from the system clock source and decides the
system operating rate. Fcpu rate is selected by High_Fcpu code option and the range is Fhosc/1~Fhosc/128 under
system normal mode. If the system high clock source is external 4MHz crystal, and the High_Fcpu code option is
Fhosc/4, the Fcpu frequency is 4MHz/4 = 1MHz. Under system slow mode, the Fcpu range is Flosc/1~Flosc/8
controlled by Low_Fcpu code option, If Low_Fcpu code option is Flosc/4, the Fcpu frequency is 16KHz/4=4KHz.
4.3 NOISE FILTER
The Noise Filter controlled by
“Noise_Filter” code option is a low pass filter and supports external oscillator including
RC and crystal modes. The purpose is to filter high rate noise coupling on high clock signal from external oscillator.
In high noisy environment, enable
“Noise_Filter” code option is the strongly recommendation to reduce noise
effect.
4.4 SYSTEM HIGH-SPEED CLOCK
The system high-speed clock has internal and external two-type. The external high-speed clock includes 4MHz, 12MHz,
32KHz crystal/ceramic and RC type. These high-speed oscillators are selected by
“High_CLK” code option. The
internal high-speed clock supports real time clock (RTC) function. Under
“IHRC_RTC” mode, the internal high-speed
clock and external 32KHz oscillator active. The internal high-speed clock is the system clock source, and the external
32KHz oscillator is the RTC clock source to supply a accurately real time clock rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com