| Electronic Components Datasheet Search |
|
27E65 Marking, SN8F27E65LUG Datasheet(PDF) 20 Page - SONiX Technology Company |
|
||||||||||||||||||||||||||||||
SN8F27E65LUG Datasheet(HTML) 20 Page - SONiX Technology Company |
|
20 / 192 page ![]() SN8F27E60 Series 8-Bit Flash Micro-Controller with Embedded ICE and ISP SONiX TECHNOLOGY CO., LTD Page 20 Version 1.4 2.1.3 LOOK-UP TABLE DESCRIPTION In the ROM’s data lookup function, Y register is pointed to middle byte address (bit 8~bit 15) and Z register is pointed to low byte address (bit 0~bit 7) of ROM. After MOVC instruction executed, the low-byte data will be stored in ACC and high-byte data stored in R register. Example: To look up the ROM data located “TABLE1”. B0MOV Y, #TABLE1$M ; To set lookup table1’s middle address B0MOV Z, #TABLE1$L ; To set lookup table1’s low address. MOVC ; To lookup data, R = 00H, ACC = 35H ; Increment the index address for next address. INCMS Z ; Z+1 JMP @F ; Z is not overflow. INCMS Y ; Z overflow (FFH 00), Y=Y+1 NOP ; ; @@: MOVC ; To lookup data, R = 51H, ACC = 05H. … ; TABLE1: DW 0035H ; To define a word (16 bits) data. DW 5105H DW 2012H … Note: The Y register will not increase automatically when Z register crosses boundary from 0xFF to 0x00. Therefore, user must take care such situation to avoid look-up table errors. If Z register is overflow, Y register must be added one. The following INC_YZ macro shows a simple method to process Y and Z registers automatically. Example: INC_YZ macro. INC_YZ MACRO INCMS Z ; Z+1 JMP @F ; Not overflow INCMS Y ; Y+1 NOP ; Not overflow @@: ENDM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |