Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

27E65 Marking, SN8F27E65LUG Datasheet(PDF) 21 Page - SONiX Technology Company

Part # SN8F27E65LUG
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E65LUG Datasheet(HTML) 21 Page - SONiX Technology Company

Back Button SN8F27E65LUG Datasheet HTML 17Page - SONiX Technology Company SN8F27E65LUG Datasheet HTML 18Page - SONiX Technology Company SN8F27E65LUG Datasheet HTML 19Page - SONiX Technology Company SN8F27E65LUG Datasheet HTML 20Page - SONiX Technology Company SN8F27E65LUG Datasheet HTML 21Page - SONiX Technology Company SN8F27E65LUG Datasheet HTML 22Page - SONiX Technology Company SN8F27E65LUG Datasheet HTML 23Page - SONiX Technology Company SN8F27E65LUG Datasheet HTML 24Page - SONiX Technology Company SN8F27E65LUG Datasheet HTML 25Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 21
Version 1.4
Example: Modify above example by
“INC_YZ” macro.
B0MOV
Y, #TABLE1$M
; To set lookup table1’s middle address
B0MOV
Z, #TABLE1$L
; To set lookup table1’s low address.
MOVC
; To lookup data, R = 00H, ACC = 35H
INC_YZ
; Increment the index address for next address.
;
@@:
MOVC
; To lookup data, R = 51H, ACC = 05H.
…
;
TABLE1:
DW
0035H
; To define a word (16 bits) data.
DW
5105H
DW
2012H
…
The other example of look-up table is to add Y or Z index register by accumulator. Please
be careful if “carry” happen.
Example: Increase Y and Z register by B0ADD/ADD instruction.
B0MOV
Y, #TABLE1$M
; To set lookup table’s middle address.
B0MOV
Z, #TABLE1$L
; To set lookup table’s low address.
B0MOV
A, BUF
; Z = Z + BUF.
B0ADD
Z, A
B0BTS1
FC
; Check the carry flag.
JMP
GETDATA
; FC = 0
INCMS
Y
; FC = 1. Y+1.
NOP
GETDATA:
;
MOVC
; To lookup data. If BUF = 0, data is 0x0035
; If BUF = 1, data is 0x5105
; If BUF = 2, data is 0x2012
…
TABLE1:
DW
0035H
; To define a word (16 bits) data.
DW
5105H
DW
2012H
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com