| Electronic Components Datasheet Search |
|
27E65 Marking, SN8F27E64LSG Datasheet(PDF) 13 Page - SONiX Technology Company |
|
||||||||||||||||||||||||||||||
SN8F27E64LSG Datasheet(HTML) 13 Page - SONiX Technology Company |
|
13 / 192 page ![]() SN8F27E60 Series 8-Bit Flash Micro-Controller with Embedded ICE and ISP SONiX TECHNOLOGY CO., LTD Page 13 Version 1.4 1.4 PIN DESCRIPTIONS PIN NAME TYPE DESCRIPTION VDD, VSS P Power supply input pins for digital and analog circuit. VDDL P Low voltage power pin. Connect 0.1uF capacitor to Vss. AVREFH P ADC high reference voltage input pin. RST/P0.4 I/O RST: System external reset input pin. Schmitt trigger structure, ac tive “low”, normal stay to “high”. P0.4: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change wake-up. XIN/P0.6 I/O XIN: Oscillator input pin while external oscillator enable (crystal and RC). P0.6: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change wake-up. XOUT/P0.5 I/O XOUT: Oscillator output pin while external crystal enable. P0.5: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change wake-up. P0.0/INT0/ TC0 I/O P0.0: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change wake-up. INT0: External interrupt 0 input pin. TC0: TC0 event counter input pin. P0.1/INT1/ TC1 I/O P0.1: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change wake-up. INT1: External interrupt 1 input pin. TC1: TC1 event counter input pin. P0.2/URX/ TC2 I/O P0.2: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change wake-up. Programmable open-drain structure. TC2: TC2 event counter input pin. URX: UART receive input pin. P0.3/UTX/T1 I/O P0.3: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change wake-up. Programmable open-drain structure. UTX: UART transmit output pin. T1: T1 event counter input pin. P1.0/EICK I/O P1.0: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change wake-up. Programmable open-drain structure. EICK: Embedded ICE clock pin. P1.1/EIDA I/O P1.1: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change wake-up. Programmable open-drain structure. EIDA: Embedded ICE data pin. P1.2/SDA I/O P1.2: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change wake-up. Programmable open-drain structure. SDA: MSP data pin. P1.3/SCL I/O P1.3: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change wake-up. Programmable open-drain structure. SCL: MSP clock pin. P1.4/SDO I/O P1.4: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change wake-up. Programmable open-drain structure. SDO: SIO data output pin. P1.5/SDI I/O P1.5: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change wake-up. Programmable open-drain structure. SDI: SIO data input pin. P1.6/SCK I/O P1.6: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change wake-up. Programmable open-drain structure. SCK: SIO clock pin. P1.7/SCS I/O P1.7: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. Level change wake-up. Programmable open-drain structure. SCS: SIO bus control pin. P4.0/AIN0 I/O P4.0: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. AIN0: ADC channel 0 input pin. P4.1/AIN1 I/O P4.1: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. AIN1: ADC channel 1 input pin. P4.2/AIN2 I/O P4.2: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. AIN2: ADC channel 2 input pin. P4.3/AIN3 I/O P4.3: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. AIN3: ADC channel 3 input pin. P4.4/AIN4 I/O P4.4: Bi-direction pin. Schmitt trigger structure as input mode. Built-in pull-up resisters. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |