| Electronic Components Datasheet Search |
|
27E65 Marking, SN8F27E64LSG Datasheet(PDF) 23 Page - SONiX Technology Company |
|
||||||||||||||||||||||||||||||
SN8F27E64LSG Datasheet(HTML) 23 Page - SONiX Technology Company |
|
23 / 192 page ![]() SN8F27E60 Series 8-Bit Flash Micro-Controller with Embedded ICE and ISP SONiX TECHNOLOGY CO., LTD Page 23 Version 1.4 Example: “@JMP_A” application in SONIX macro file called “MACRO3.H”. B0MOV A, BUF0 ; “BUF0” is from 0 to 4. @JMP_A 5 ; The number of the jump table listing is five. JMP A0POINT ; ACC = 0, jump to A0POINT JMP A1POINT ; ACC = 1, jump to A1POINT JMP A2POINT ; ACC = 2, jump to A2POINT JMP A3POINT ; ACC = 3, jump to A3POINT JMP A4POINT ; ACC = 4, jump to A4POINT If the jump table position is across a ROM boundary (0x00FF~0x0100), the “@JMP_A” macro will adjust the jump table routine begin from next RAM boundary (0x0100). Example: “@JMP_A” operation. ; Before compiling program. ROM address B0MOV A, BUF0 ; “BUF0” is from 0 to 4. @JMP_A 5 ; The number of the jump table listing is five. 0X00FD JMP A0POINT ; ACC = 0, jump to A0POINT 0X00FE JMP A1POINT ; ACC = 1, jump to A1POINT 0X00FF JMP A2POINT ; ACC = 2, jump to A2POINT 0X0100 JMP A3POINT ; ACC = 3, jump to A3POINT 0X0101 JMP A4POINT ; ACC = 4, jump to A4POINT ; After compiling program. ROM address B0MOV A, BUF0 ; “BUF0” is from 0 to 4. @JMP_A 5 ; The number of the jump table listing is five. 0X0100 JMP A0POINT ; ACC = 0, jump to A0POINT 0X0101 JMP A1POINT ; ACC = 1, jump to A1POINT 0X0102 JMP A2POINT ; ACC = 2, jump to A2POINT 0X0103 JMP A3POINT ; ACC = 3, jump to A3POINT 0X0104 JMP A4POINT ; ACC = 4, jump to A4POINT |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |