| Electronic Components Datasheet Search |
|
HT8MB5 Marking, HT8MB5 Datasheet(PDF) 3 Page - Rohm |
|
||||||||||||||||||||||||||||||
HT8MB5 Datasheet(HTML) 3 Page - Rohm |
|
3 / 22 page ![]() HT8MB5 Datasheet l lElectrical characteristics (Ta = 25°C) <Tr1> Parameter Symbol Conditions Values Unit Min. Typ. Max. Input capacitance Ciss VGS = 0V - 150 - pF Output capacitance Coss VDS = 20V - 85 - Reverse transfer capacitance Crss f = 1MHz - 10 - Turn - on delay time td(on)*5 VDD ⋍ 20V, VGS = 10V - 5.0 - ns Rise time tr*5 ID = 2.5A - 4.7 - Turn - off delay time td(off)*5 RL = 8.0Ω - 11.0 - Fall time tf*5 RG = 10Ω - 2.7 - <Tr2> Parameter Symbol Conditions Values Unit Min. Typ. Max. Input capacitance Ciss VGS = 0V - 820 - pF Output capacitance Coss VDS = -20V - 100 - Reverse transfer capacitance Crss f = 1MHz - 75 - Turn - on delay time td(on)*5 VDD ⋍ -20V, VGS = -10V - 9.6 - ns Rise time tr*5 ID = -3.0A - 29.0 - Turn - off delay time td(off)*5 RL = 6.7Ω - 86.0 - Fall time tf*5 RG = 10Ω - 41.0 - www.rohm.com © 2024 ROHM Co., Ltd. All rights reserved. 3/19 20241224 - Rev.002 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |