| Electronic Components Datasheet Search |
|
551C Marking, TLC551CD Datasheet(PDF) 8 Page - Texas Instruments |
|
||||||||||||||||||||||||||||||
TLC551CD Datasheet(HTML) 8 Page - Texas Instruments |
|
8 / 18 page ![]() TLC551, TLC551Y LinCMOS ™ TIMERS SLFS044B – FEBRUARY 1984 – REVISED SEPTEMBER 1997 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VDD = 15 V PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT VIT Threshold voltage 25 °C 9.45 10.55 V VIT Threshold voltage Full range 9.35 10.65 V IIT Threshold current 25 °C 10 pA IIT Threshold current 70 °C 75 pA VI(TRIG) Trigger voltage 25 °C 4.65 5 5.35 V VI(TRIG) Trigger voltage Full range 4.55 5.45 V II(TRIG) Trigger current 25 °C 10 pA II(TRIG) Trigger current 70 °C 75 pA VI(RESET) Reset voltage 25 °C 0.4 1.1 1.5 V VI(RESET) Reset voltage Full range 0.3 1.8 V II(RESET) Reset current 25 °C 10 pA II(RESET) Reset current 70 °C 75 pA Control voltage (open circuit) as a percentage of supply voltage 70 °C 66.7% Discharge switch on stage voltage IOL = 100 mA 25 °C 0.77 1.7 V Discharge switch on-stage voltage IOL = 100 mA Full range 1.8 V Discharge switch off stage voltage 25 °C 0.1 nA Discharge switch off-stage voltage 70 °C 0.5 nA IOH =10 mA 25 °C 12.5 14.2 IOH = – 10 mA Full range 12.5 VOH High level output voltage IOH =5 mA 25 °C 13.5 14.6 V VOH High-level output voltage IOH = – 5 mA Full range 13.5 V IOH =1 mA 25 °C 14.2 14.9 IOH = – 1 mA Full range 14.2 IOL = 100 mA 25 °C 1.28 3.2 IOL = 100 mA Full range 3.6 VOL Low level output voltage IOL =50mA 25 °C 0.63 1 V VOL Low-level output voltage IOL = 50 mA Full range 1.3 V IOL =10mA 25 °C 0.12 0.3 IOL = 10 mA Full range 0.4 IDD Supply current See Note 2 25 °C 360 600 µA IDD Supply current See Note 2 Full range 800 µA † Full range is 0 °C to 70°C. NOTE 2: These values apply for the expected operating configurations in which THRES is connected directly to DISCH or to TRIG. operating characteristics, VDD = 5 V, TA = 25°C (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Initial error of timing interval‡ VDD = 5 V to 15 V, RA = RB = 1 kΩ to 100 kΩ, 1% 3% Supply voltage sensitivity of timing interval DD , CT = 0.1 µF, AB , See Note 3 0.1 0.5 %/ V tr Rise time, output pulse RL =10MΩ CL =10 pF 20 75 ns tf Fall time, output pulse RL = 10 MΩ, CL = 10 pF 15 60 ns fmax Maximum frequency in astable mode RA = 470 Ω, CT = 200 pF RB = 200 Ω, See Note 3 1.2 1.8 MHz ‡ Timing interval error is defined as the difference between the measured value and the average value of a random sample from each process run. NOTE 3: RA, RB, and CT are as defined in Figure 3. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |