| Electronic Components Datasheet Search |
|
551C Marking, TLC551CD Datasheet(PDF) 9 Page - Texas Instruments |
|
||||||||||||||||||||||||||||||
TLC551CD Datasheet(HTML) 9 Page - Texas Instruments |
|
9 / 18 page ![]() TLC551, TLC551Y LinCMOS ™ TIMERS SLFS044B – FEBRUARY 1984 – REVISED SEPTEMBER 1997 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at VDD = 5 V, TA = 25°C PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIT Threshold voltage 2.8 3.3 3.8 V IIT Threshold current 10 pA VI(TRIG) Trigger voltage 1.36 1.66 1.96 V II(TRIG) Trigger current 10 pA VI(RESET) Reset voltage 0.4 1.1 1.5 V II(RESET) Reset current 10 pA Control voltage (open circuit) as a percentage of supply voltage 66.7% Discharge switch on-state voltage IOL = 10 mA 0.14 0.5 V Discharge switch off-state current 0.1 nA VOH High-level output voltage IOH = – 1 mA 4.1 4.8 V IOL = 8 mA 0.21 0.4 VOL Low-level output voltage IOL = 5 mA 0.13 0.3 V IOL = 3.2 mA 0.08 0.3 IDD Supply current See Note 2 170 350 µA NOTE 2: These values apply for the expected operating configurations in which THRES is connected directly to DISCH or to TRIG. TYPICAL CHARACTERISTICS Figure 1 2 1 025 75 DISCHARGE SWITCH ON-STATE RESISTANCE vs FREE-AIR TEMPERATURE 50 100 10 4 20 100 40 7 70 TA – Free-Air Temperature – °C VDD = 2 V, IO = 1 mA VDD = 5 V, IO = 10 mA VDD = 15 V, IO = 100 mA Figure 2 100 0 0 2 4 6 8 12 16 PROPAGATION DELAY TIMES (TO DISCHARGE OUTPUT FROM TRIGGER AND THRESHOLD SHORTED TOGETHER) vs SUPPLY VOLTAGE 10 14 400 200 500 600 300 VDD – Supply Voltage – V 20 18 tPLH‡ tPHL IO(on) ≥ 1 mA CL ≈ 0 TA = 25°C ‡ The effects of the load resistance on these values must be taken into account separately. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |