| Electronic Components Datasheet Search |
|
551C Marking, TLC551CD.A Datasheet(PDF) 6 Page - Texas Instruments |
|
||||||||||||||||||||||||||||||
TLC551CD.A Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 18 page ![]() TLC551, TLC551Y LinCMOS ™ TIMERS SLFS044B – FEBRUARY 1984 – REVISED SEPTEMBER 1997 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VDD = 2 V PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT VIT Threshold voltage 25 °C 0.95 1.33 1.65 V VIT Threshold voltage Full range 0.85 1.75 V IIT Threshold current 25 °C 10 pA IIT Threshold current 70 °C 75 pA VI(TRIG) Trigger voltage 25 °C 0.4 0.67 0.95 V VI(TRIG) Trigger voltage Full range 0.3 1.05 V II(TRIG) Trigger current 25 °C 10 pA II(TRIG) Trigger current 70 °C 75 pA VI(RESET) Reset voltage 25 °C 0.4 1.1 1.5 V VI(RESET) Reset voltage Full range 0.3 1.8 V II(RESET) Reset current 25 °C 10 pA II(RESET) Reset current 70 °C 75 pA Control voltage (open circuit) as a percentage of supply voltage 70 °C 66.7% Discharge switch on stage voltage IOL =1mA 25 °C 0.03 0.2 V Discharge switch on-stage voltage IOL = 1 mA Full range 0.25 V Discharge switch off stage voltage 25 °C 0.1 nA Discharge switch off-stage voltage 70 °C 0.5 nA VOH High level output voltage IOH = 300 µA 25 °C 1.5 1.9 V VOH High-level output voltage IOH = – 300 µA Full range 1.5 V VOL Low level output voltage IOL =1mA 25 °C 0.07 0.3 V VOL Low-level output voltage IOL = 1 mA Full range 0.35 V IDD Supply current See Note 2 25 °C 65 250 µA IDD Supply current See Note 2 Full range 400 µA † Full range is 0 °C to 70°C. NOTE 2: These values apply for the expected operating configurations in which THRES is connected directly to DISCH or to TRIG. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |