| Electronic Components Datasheet Search |
|
551C Marking, TLC551CD.A Datasheet(PDF) 7 Page - Texas Instruments |
|
||||||||||||||||||||||||||||||
TLC551CD.A Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 18 page ![]() TLC551, TLC551Y LinCMOS ™ TIMERS SLFS044B – FEBRUARY 1984 – REVISED SEPTEMBER 1997 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VDD = 5 V PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT VIT Threshold voltage 25 °C 2.8 3.3 3.8 V VIT Threshold voltage Full range 2.7 3.9 V IIT Threshold current 25 °C 10 pA IIT Threshold current 70 °C 75 pA VI(TRIG) Trigger voltage 25 °C 1.36 1.66 1.96 V VI(TRIG) Trigger voltage Full range 1.26 2.06 V II(TRIG) Trigger current 25 °C 10 pA II(TRIG) Trigger current 70 °C 75 pA VI(RESET) Reset voltage 25 °C 0.4 1.1 1.5 V VI(RESET) Reset voltage Full range 0.3 1.8 V II(RESET) Reset current 25 °C 10 pA II(RESET) Reset current 70 °C 75 pA Control voltage (open circuit) as a percentage of supply voltage 70 °C 66.7% Discharge switch on stage voltage IOL =10mA 25 °C 0.14 0.5 V Discharge switch on-stage voltage IOL = 10 mA Full range 0.6 V Discharge switch off stage voltage 25 °C 0.1 nA Discharge switch off-stage voltage 70 °C 0.5 nA VOH High level output voltage IOH =1 mA 25 °C 4.1 4.8 V VOH High-level output voltage IOH = – 1 mA Full range 4.1 V IOL =8mA 25 °C 0.21 0.4 IOL = 8 mA Full range 0.5 VOL Low level output voltage IOL =5mA 25 °C 0.13 0.3 V VOL Low-level output voltage IOL = 5 mA Full range 0.4 V IOL =3 2mA 25 °C 0.08 0.3 IOL = 3.2 mA Full range 0.35 IDD Supply current See Note 2 25 °C 170 350 µA IDD Supply current See Note 2 Full range 500 µA † Full range is 0 °C to 70°C. NOTE 2: These values apply for the expected operating configurations in which THRES is connected directly to DISCH or to TRIG. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |