| Electronic Components Datasheet Search |
|
INA111AP Marking, INA111AP Datasheet(PDF) 2 Page - Texas Instruments |
|
||||||||||||||||||||||||||||||
INA111AP Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 17 page ![]() ® INA111 2 SPECIFICATIONS ELECTRICAL At TA = +25°C, VS = ±15V, RL = 2kΩ, unless otherwise noted. T Specification same as INA111BP. NOTE: (1) Temperature coefficient of the “50k Ω” term in the gain equation. The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN product for use in life support devices and/or systems. INA111BP, BU INA111AP, AU PARAMETER CONDITIONS MIN TYP MAX MIN TYP MAX UNITS INPUT Offset Voltage, RTI Initial TA = +25°C ±100 ± 500/G ±500 ± 2000/G ±200 ± 500/G ±1000 ±5000/G µV vs Temperature TA = TMIN to TMAX ±2 ± 10/G ±5 ± 100/G ±2 ± 20/G ±10 ± 100/G µV/°C vs Power Supply VS = ±6V to ±18V 2 +10/G 30 + 100/G TT µV/V Impedance, Differential 1012 || 6 T Ω || pF Common-Mode 1012 || 3 T Ω || pF Input Common-Mode Range VDIFF = 0V ±10 ±12 TT V Common-Mode Rejection VCM = ±10V, ∆RS = 1kΩ G = 1 80 90 75 T dB G = 10 96 110 90 T dB G = 100 106 115 100 T dB G = 1000 106 115 100 T dB BIAS CURRENT ±2 ±20 TT pA OFFSET CURRENT ±0.1 ±10 TT pA NOISE VOLTAGE, RTI G = 1000, RS = 0Ω f = 100Hz 13 T nV/ √Hz f = 1kHz 10 T nV/ √Hz f = 10kHz 10 T nV/ √Hz fB = 0.1Hz to 10Hz 1 T µVp-p Noise Current f = 10kHz 0.8 T fA/ √Hz GAIN Gain Equation 1 + (50k Ω/R G) T V/V Range of Gain 1 10000 TT V/V Gain Error G = 1, RL = 10kΩ±0.01 ±0.02 T 0.05 % G = 10, RL = 10kΩ±0.1 ±0.5 TT % G = 100, RL = 10kΩ±0.15 ±0.5 T ±0.7 % G = 1000, RL = 10kΩ±0.25 ±1 T ±2% Gain vs Temperature G = 1 ±1 ±10 TT ppm/ °C 50k Ω Resistance(1) ±25 ±100 TT ppm/ °C Nonlinearity G = 1 ±0.0005 ±0.005 TT % of FSR G = 10 ±0.001 ±0.005 T ±0.01 % of FSR G = 100 ±0.001 ±0.005 T ±0.01 % of FSR G = 1000 ±0.005 ±0.02 T ±0.04 % of FSR OUTPUT Voltage IO = 5mA, TMIN to TMAX ±11 ±12.7 TT V Load Capacitance Stability 1000 T pF Short Circuit Current +30/–25 T mA FREQUENCY RESPONSE Bandwidth, –3dB G = 1 2 T MHz G = 10 2 T MHz G = 100 450 T kHz G = 1000 50 T kHz Slew Rate VO = ±10V, G = 2 to 100 17 T V/ µs Settling Time, 0.01% G = 1 2 T µs G = 10 2 T µs G = 100 4 T µs G = 1000 30 T µs Overload Recovery 50% Overdrive 1 T µs POWER SUPPLY Voltage Range ±6 ±15 ±18 TT T V Current VIN = 0V ±3.3 ±4.5 TT mA TEMPERATURE RANGE Specification –40 85 TT °C Operating –40 125 TT °C θ JA 100 T °C/W |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |