| Electronic Components Datasheet Search |
|
INA111AP Marking, INA111AP Datasheet(PDF) 1 Page - Texas Instruments |
|
||||||||||||||||||||||||||||||
INA111AP Datasheet(HTML) 1 Page - Texas Instruments |
|
1 / 17 page ![]() ® INA111 1 ©1992 Burr-Brown Corporation PDS-1143E Printed in U.S.A. March, 1998 INA111 A 1 A 2 A 3 (12) (11) 6 (10) 10k Ω 10k Ω 25k Ω 25k Ω 10k Ω 10k Ω (13) 7 (7) 4 (5) 3 (15) 8 (2) 1 (4) 2 V IN V IN R G V+ V– INA111 DIP (SOIC) Ref Feedback V O G = 1 + 50k Ω R G – + 5 DIP Connected Internally High Speed FET-Input INSTRUMENTATION AMPLIFIER FEATURES q FET INPUT: I B = 20pA max q HIGH SPEED: T S = 4µs (G = 100, 0.01%) q LOW OFFSET VOLTAGE: 500 µV max q LOW OFFSET VOLTAGE DRIFT: 5 µV/°C max q HIGH COMMON-MODE REJECTION: 106dB min q 8-PIN PLASTIC DIP, SOL-16 SOIC APPLICATIONS q MEDICAL INSTRUMENTATION q DATA ACQUISITION DESCRIPTION The INA111 is a high speed, FET-input instrumenta- tion amplifier offering excellent performance. The INA111 uses a current-feedback topology provid- ing extended bandwidth (2MHz at G = 10) and fast settling time (4 µs to 0.01% at G = 100). A single external resistor sets any gain from 1 to over 1000. Offset voltage and drift are laser trimmed for excellent DC accuracy. The INA111’s FET inputs reduce input bias current to under 20pA, simplifying input filtering and limiting circuitry. The INA111 is available in 8-pin plastic DIP, and SOL-16 surface-mount packages, specified for the –40 °C to +85°C temperature range. ® International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111 Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132 INA111 INA111 SBOS015 |
Similar Description - INA111AP |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |