| Electronic Components Datasheet Search |
|
B26 Marking, INA326EA/250 Datasheet(PDF) 13 Page - Texas Instruments |
|
||||||||||||||||||||||||||||||
INA326EA/250 Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 28 page ![]() INA326, INA327 13 SBOS222D www.ti.com FIGURE 6. Generating Output Offset Voltage. R 1 R ′ 2 5 R 0 R 2 C 2 C 0 V REF V O G = 2 (R 2 || R′2)/R1 INA326 R 2 and R′2 are chosen to create a small output offset voltage (e.g., 100mV). Gain is determined by the parallel combination of R 2 and R′2. 2 1 8 3 6 FIGURE 7. Output Referenced to VREF/2. 2k Ω 200k Ω 200k Ω V REF R O 100 Ω 5 6 2 1 8 3 C O 1 µF C 2 INA326 A/D Converter G = 2(200k Ω || 200kΩ)/2kΩ = 100 FIGURE 8. High-Side Current Shunt Measurement. INA326 +5V R L 5 2 1 8 3 6 7 R O 100 Ω R S I L R 1 2k Ω R 2 C 2 V O C O 1 µF NOTE: Connection point of V+ will include ( ) or exclude ( ) quiescent current in the measurement as desired. Output offset required for measurements near zero (see Figure 6). R S must be chosen so that the input voltage does not exceed 100mV beyond the rail. V O = 2(IL × RS) R 2 R 1 APPLICATION CIRCUITS |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |