| Electronic Components Datasheet Search |
|
B26 Marking, INA326EA/250 Datasheet(PDF) 4 Page - Texas Instruments |
|
||||||||||||||||||||||||||||||
INA326EA/250 Datasheet(HTML) 4 Page - Texas Instruments |
|
4 / 28 page ![]() INA326, INA327 4 SBOS222D www.ti.com PARAMETER CONDITION MIN TYP MAX UNITS POWER SUPPLY Specified Voltage Range +2.7 +5.5 V Quiescent Current IQ IO = 0, Diff VIN = 0V, VS = +5V 2.4 3.4 mA Over Temperature 3.7 mA SHUTDOWN Disable (Logic Low Threshold) 0.25 V Enable (Logic High Threshold) 1.6 V Enable Time(5) 75 µs Disable Time 100 µs Shutdown Current and Enable Pin Current VS = +5V, Disabled 2 5 µA TEMPERATURE RANGE Specified Range –40 +85 °C Operating Range –40 +125 °C Storage Range –65 +150 °C Thermal Resistance θ JA MSOP-8, MSOP-10 Surface-Mount 150 °C/W NOTES: (1) 1000-hour life test at 150 °C demonstrated randomly distributed variation in the range of measurement limits—approximately 10µV. (2) See Applications Information section, and Figures 1 and 3. (3) Does not include error and TCR of external gain-setting resistors. (4) Dynamic response is limited by filtering. Higher bandwidths can be achieved by adjusting the filter. (5) See Typical Characteristics, “Input Offset Voltage vs Warm-Up Time”. ELECTRICAL CHARACTERISTICS: VS = +2.7V to +5.5V (Cont.) BOLDFACE limits apply over the specified temperature range, TA = –40°C to +85°C At TA = +25°C, RL = 10kΩ, G = 100 (R1 = 2kΩ, R2 = 100kΩ), external gain set resistors, and IACOMMON = VS /2, with external equivalent filter corner of 1kHz, unless otherwise noted. INA326EA, INA327EA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |