Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

NE5534 Marking, NE5534D Datasheet(PDF) 11 Page - Texas Instruments

Part # NE5534D
Description  NE5534x, SA5534x Low-Noise Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

NE5534D Datasheet(HTML) 11 Page - Texas Instruments

Back Button NE5534D Datasheet HTML 7Page - Texas Instruments NE5534D Datasheet HTML 8Page - Texas Instruments NE5534D Datasheet HTML 9Page - Texas Instruments NE5534D Datasheet HTML 10Page - Texas Instruments NE5534D Datasheet HTML 11Page - Texas Instruments NE5534D Datasheet HTML 12Page - Texas Instruments NE5534D Datasheet HTML 13Page - Texas Instruments NE5534D Datasheet HTML 14Page - Texas Instruments NE5534D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
−
+
22 k
Ω
100 k
Ω
VCC−
VCC+
C
5534
C
NE5534, NE5534A, SA5534, SA5534A
www.ti.com
SLOS070D – JULY 1979 – REVISED NOVEMBER 2014
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 General Application
The input offset voltage of operational amplifiers (op amps) arises from unavoidable mismatches in the
differential input stage of the op-amp circuit caused by mismatched transistor pairs, collector currents, current-
gain betas (
β), collector or emitter resistors, and so on. The input offset pins allow the designer to adjust for
these mismatches by external circuitry. These input mismatches can be adjusted by putting resistors or a
potentiometer between the inputs as shown in Figure 10. A potentiometer can be used to fine tune the circuit
during testing or for applications which require precision offset control. More information about designing using
the input-offset pins, see Offset Voltage of Operational Amplifiers (SLOA045).
Frequency Compensation and Offset-Voltage Nulling Circuit
Figure 10. Application Circuit
Copyright © 1979–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: NE5534 NE5534A SA5534 SA5534A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com