| Electronic Components Datasheet Search |
|
03P35M-AP Marking, AP03P35MI Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS |
|
||||||||||||||||||||||||||||||
AP03P35MI Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS |
|
1 / 6 page ![]() AP03P35MI -350V P-Channel Enhancement Mode MOSFET AP3P35MI REV1.0 永源微電子科技有限公司 Description The AP03P35MI uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 10V. This device is suitable for use as a Battery protection or in other Switching application. General Features VDS = -350V ID =-0.3A RDS(ON) < 22Ω @ VGS=10V (Type:13Ω) Application Brushless motor Load switch Uninterruptible power supply Package Marking and Ordering Information Product ID Pack Marking Qty(PCS) AP03P35MI SOT-23-3L 03P35M-AP 3000 Absolute Maximum Ratings (TC=25℃unless otherwise noted) Symbol Parameter Rating Units VDS Drain-Source Voltage -350 V VGS Gate-Source Voltage ±20 V ID@TA=25 ℃ Continuous Drain Current, -VGS @ -10V1 -0.3 A ID@TA=70 ℃ Continuous Drain Current, -VGS @ -10V1 -0.12 A IDM Pulsed Drain Current2 -0.9 A EAS Single Pulse Avalanche Energy3 45.5 mJ PD@TA=25 ℃ Total Power Dissipation4 0.2 W TSTG Storage Temperature Range -55 to 150 ℃ TJ Operating Junction Temperature Range -55 to 150 ℃ RθJA Thermal Resistance Junction-Ambient 1 125 ℃ /W RθJC Thermal Resistance Junction-Case1 250 ℃ /W |
Similar Description - AP03P35MI |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |