Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

03P35M-AP Marking, AP03P35MI Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP03P35MI
Description  -350V P-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP03P35MI Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP03P35MI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP03P35MI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP03P35MI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP03P35MI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP03P35MI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP03P35MI Datasheet HTML 6Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AP03P35MI
-350V P-Channel Enhancement Mode MOSFET
AP3P35MI REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ =25 ℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-350
-380
---
V
RDS(ON)
Static Drain-Source On-Resistance
VGS=-10V , ID=-1A
---
13
22
Ω
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =-250uA
-1.0
-2.0
-3.0
V
IDSS
Drain-Source Leakage Current
VDS=-350V ,VGS=0V ,TJ=25
℃
---
---
1
uA
IDSS
Drain-Source Leakage Current
VDS=-350V ,VGS=0V ,TJ=85
℃
---
---
100
uA
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±100
nA
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
12
---
Ω
Qg
Total Gate Charge
VDS=-25V , VGS=-10V ,
ID=-0.3A
---
1.8
---
nC
Qgs
Gate-Source Charge
---
0.5
---
nC
Qgd
Gate-Drain Charge
---
0.2
---
nC
Td(on)
Turn-On Delay Time
VDD=-10V , VGS=-10V ,
RG=25Ω,
ID=-0.3A
---
12
---
ns
Tr
Rise Time
---
60
---
ns
Td(off)
Turn-Off Delay Time
---
136
---
ns
Tf
Fall Time
---
320
---
ns
Ciss
Input Capacitance
VDS=-25V , VGS=0V , f=1MHz
---
44
---
pF
Coss
Output Capacitance
---
6.95
---
pF
Crss
Reverse Transfer Capacitance
---
0.84
---
pF
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6