| Electronic Components Datasheet Search |
|
55111IRZ Marking, ISL55111IRZ Datasheet(PDF) 2 Page - Renesas Technology Corp |
|
||||||||||||||||||||||||||||||
ISL55111IRZ Datasheet(HTML) 2 Page - Renesas Technology Corp |
|
2 / 19 page ![]() ISL55110, ISL55111 FN6228 Rev 9.0 Page 2 of 18 Apr 29, 2021 Pin Configurations ISL55110 (16 LD QFN) TOP VIEW ISL55111 (16 LD QFN) TOP VIEW ISL55110 (8 LD TSSOP) TOP VIEW ISL55111 (8 LD TSSOP) TOP VIEW 16 15 14 13 OB GND VH OA 1 2 3 4 12 11 10 9 VDD ENABLE PD IN-B 5678 EP 16 15 14 13 OB GND VH OA 1 2 3 4 12 11 10 9 VDD ENABLE PD IN-B 5678 EP 6 7 8 5 1 2 3 4 VDD PD IN-B IN-A OB VH OA GND 6 7 8 5 1 2 3 4 VDD PD IN-B IN-A OB VH OA GND Pin Descriptions 16 LD QFN 8 LD TSSOP PIN FUNCTION 11 VDD Logic power. 10 6 VH Driver high rail supply. 11 7 GND Ground, return for both VH rail and VDD logic supply. This is also the potential of the QFN’s exposed pad (EP). 3 2 PD Power-down. Active logic high places part in power-down mode. 2- ENABLE QFN packages only. When the ENABLE pin is low, the device will operate normally (outputs controlled by the inputs). When the ENABLE pin is tied high, the output will be tri-stated. In other words, it will act as if it is open or floating regardless of what is on the IN-x pins. This provides high-speed enable control over the driver outputs. 5 4 IN-A Logic level input that drives OA to VH rail or ground. Not inverted. 4 3 IN-B, IN-B Logic level input that drives OB to VH rail or ground. Not inverted on ISL55110, inverted on ISL55111. 9 5 OA Driver output related to IN-A. 12 8 OB Driver output related to IN-B. 6, 7, 8, 13, 14, 15, 16 - NC No internal connection. EP - EP Exposed thermal pad. Connect to GND and follow good thermal pad layout guidelines. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |