| Electronic Components Datasheet Search |
|
AS1109B Marking, AS1109-BSST Datasheet(PDF) 3 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
AS1109-BSST Datasheet(HTML) 3 Page - ams-OSRAM AG |
|
3 / 26 page ![]() AS1109 Constant-Current, 8-Bit LED Driver with Diagnostics www.ams.com/LED-Driver-ICs/AS1109 Revision 1.21 1 - 24 1 General Description The AS1109 is designed to drive up to 8 LEDs through a fast serial interface and features 8 output constant current drivers and an on- chip diagnostic read-back function. The high clock-frequency (up to 50MHz), adjustable output current, and flexible serial interface makes the device perfectly suited for high-volume transmission applications. Output current is adjustable (up to 100mA/channel) using an external resistor (REXT). The serial interface with Schmitt trigger inputs includes an integrated shift register. Additionally, an internal data register stores the currently displayed data. The device features integrated diagnostics for over- temperature, open-LED, and shorted-LED conditions. Integrated registers store global fault status information during load as well as the detailed temperature/open-LED/shorted-LED diagnostics results. The AS1109 also features a low-current diagnostic mode to minimize display flicker during fault testing. With an operating temperature range from -40 to +125°C the AS1109 is also ideal for industrial applications. The AS1109 is available in a 16-pin SOIC-150, a 16-pin QFN (4x4mm) and the 16-pin QSOP-150 package. Figure 1. Main Diagram and Pin Assignments 2 Key Features 8 Constant-Current Output Channels Excellent Output Current Accuracy - Between Channels: ±2% - Between AS1109 Devices: ±2% Output Current Per Channel: 0.5 to 100mA Controlled In-Rush Current Over-Temperature, Open-LED, Shorted-LED Diagnostics Functions Low-Current Test Mode Global Fault Monitoring Low Shutdown Mode Current: 3µA Fast Serial Interface: up to 50MHz Cascaded Configuration Fast Output Drivers Suitable for PWM 16-pin SOIC-150, 16-pin QFN (4x4mm) and 16-pin QSOP-150 Package 3 Applications The device is ideal for fixed- or slow-rolling displays using static or multiplexed LED matrix and dimming functions, large LED matrix displays, mixed LED display and switch monitoring, displays in elevators, public transports (underground, trains, buses, taxis, airplanes, etc.), large displays in stadiums and public areas, price indicators in retail stores, promotional panels, bar-graph displays, industrial controller displays, white good panels, emergency light indicators, and traffic signs. AS1109 SDI SDO CLK LD OEN REXT +VLED 1 GND AS1109 16 VDD 2 SDI 3 CLK 4 LD 5 OUTN0 15 REXT 14 SDO 13 OEN 9 OUTN4 8 OUTN3 7 OUTN2 6 OUTN1 12 OUTN7 11 OUTN6 10 OUTN5 OUTN0 OUTN1 OUTN2 OUTN3 OUTN4 OUTN5 OUTN6 OUTN7 GND VDD |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |