Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1109B Marking, AS1109-BSST Datasheet(PDF) 18 Page - ams-OSRAM AG

Part # AS1109-BSST
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1109-BSST Datasheet(HTML) 18 Page - ams-OSRAM AG

Back Button AS1109-BSST Datasheet HTML 14Page - ams-OSRAM AG AS1109-BSST Datasheet HTML 15Page - ams-OSRAM AG AS1109-BSST Datasheet HTML 16Page - ams-OSRAM AG AS1109-BSST Datasheet HTML 17Page - ams-OSRAM AG AS1109-BSST Datasheet HTML 18Page - ams-OSRAM AG AS1109-BSST Datasheet HTML 19Page - ams-OSRAM AG AS1109-BSST Datasheet HTML 20Page - ams-OSRAM AG AS1109-BSST Datasheet HTML 21Page - ams-OSRAM AG AS1109-BSST Datasheet HTML 22Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
www.ams.com/LED-Driver-ICs/AS1109
Revision 1.21
16 - 24
AS1109
Datasheet - Application In form atio n
9 Application Information
9.1 Error Detection
The AS1109 features two types of error detection. The error detection can be used on-the-fly, for active LEDs, without any delay, or by entering
into low-current diagnosis mode.
9.1.1 Error Detection On-The-Fly
Error detection on-the-fly will output the status of active LEDs during operation. Without choosing an error mode this will output the temperature
flag at every input/output cycle. Triggering one clock pulse for open or two clock pulses for short detection during error detection mode outputs
the detailed open- or short-error report with the next input/output cycle (see Figure 20). LEDs that are turned off cannot be tested and their digits
at the error output must be ignored.
Figure 20. Normal Operation with Error Detection During Operation – 128 Cascaded AS1109s
Display
SDI
SDO
CLK
OEN
LD
Current
Data1
Data2
Data3
T/O or S Error Code
Data1
T/O or S Error Code Data0
Data0
T/O or S Error Code
Data2
1024x
1024x
1024x
Clock for Error
Mode 0x/1x/2x
Rising Edge of OEN
Acquisition of Error Status
Falling Edge of LD; Error Register is copied
into Shift Register
≤ 100mA
GEF
GEF
GEF = Global Error Flag
Falling Edge of LD; Error Register is copied
into Shift Register
Clock for Error
Mode 0x/1x/2x
Rising Edge of OEN
Acquisition of Error Status
Data2
Data3
Data4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26