Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1115 Marking, AS1115-BSST Datasheet(PDF) 22 Page - ams-OSRAM AG

Part # AS1115-BSST
Description  64 LEDs, I ²C Inter faced LED Dr iver wi th Keyscan
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1115-BSST Datasheet(HTML) 22 Page - ams-OSRAM AG

Back Button AS1115-BSST Datasheet HTML 18Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 19Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 20Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 21Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 22Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 23Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 24Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 25Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 26Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1115
Revision 1.08
20 - 25
AS1115
Datasheet - Ty p i c a l A p p l i c a t i o n
8x8 Dot Matrix Mode
The application example in Figure 27 shows the AS1115 in the 8x8 LED dot matrix mode.
The LED columns have common cathodes and are connected to the DIG0:7 outputs. The rows are connected to the segment drivers. Each of
the 64 LEDs can be addressed separately. The columns are selected via the digits as listed in Table 6 on page 12.
The Decode Enable Register (see page 13) must be set to ‘00000000’ as described in Table 8 on page 13. Single LEDs in a column can
be addressed as described in Table 11 on page 15, where bit D0 corresponds to segment G and bit D7 corresponds to segment DP.
Figure 27. Application Example as LED Dot Matrix Driver
Keyscan
The key readback of the AS1115 can be used either for push buttons as well as switches. If only a single key is pressed (shorted) at a time no
additional diodes are required. If a detection of multiple simultaneous keystrokes is required diodes within the keypath, as shown in Figure 28,
are required. Pressing multiple keys without the diodes would result in ambiguous results. Since KEYA and KEYB have independent inputs only
keys on the same path are affected.
Figure 28. Keyscan Configuration
Note:
If the blink_en bit (bit D4 in the Feature Register 0x0E) is set to ‘1’, the keyscan is not returning a valid value.
Supply Bypassing and Wiring
In order to achieve optimal performance the AS1115 should be placed very close to the LED display to minimize effects of electromagnetic inter-
ference and wiring inductance.
Furthermore, it is recommended to connect a 10 F and a 0.1 F ceramic capacitor between pins VDD and GND to avoid power supply ripple
(see Figure 27)
.
Diode Arrangement
DIG0 to
DIG7
SEG A to G
SEP DP
AS1115
SDA
SCL
IRQ
VDD
ISET
SDA
IRQ
GND
SCL
2.7 to 5V
9.53k
µP
KEYA
KEYB
SEGA
SEGB
SEGC
SEGD
SEG E
SEGF
SEGG
SEGDP
IRQ
Diodes are optional and only required if multiple keystrokes must be
detected simultaneously.
If I²C Self-Addressing is used these two keys cannot be used for read-
back and must be either hard wired opened or shorted.
A short writes a logical “0” whereas an open writes a logical “1” as
address bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27