Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1115 Marking, AS1115-BSST Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # AS1115-BSST
Description  64 LEDs, I ²C Inter faced LED Dr iver wi th Keyscan
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1115-BSST Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button AS1115-BSST Datasheet HTML 2Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 3Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 4Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 5Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 6Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 7Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 8Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 9Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1115
Revision 1.08
4 - 25
AS1115
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VDD = 2.7V to 5.5V, RSET = 9.53k
Ω, typ. values @ TAMB = +25ºC, VDD = 5.0V (unless otherwise specified). All limits are guaranteed. The
parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality Control) methods.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TAMB
Operating Temperature Range
-40
+85
°C
TJ
Operating Junction Temperature Range
-40
+125
°C
VDD
Operating Supply Voltage
2.7
5.5
V
IDDSD
Shutdown Supply Current
All digital inputs at VDD or GND,
TAMB = +25ºC
0.2
2
A
single digit, TAMB = +85ºC
4
A
IDD
Operating Supply Current
RSET = open circuit.
0.35
0.6
mA
All segments and decimal point on;
ISEG = -40mA.
335
fOSC
Display Scan Rate
8 digits scanned
0.48
0.96
kHz
IDIGIT
Digit Drive Sink Current
VOUT = 0.65V
320
mA
ISEG
Segment Drive Source Current
VDD = 5.0V, VOUT = (VDD -1V)
-35
-41
-47
mA
∆ISEG
Segment Drive Current Matching
3
%
ISEG
Segment Drive Source Current
Average Current
47
mA
Table 4. Logic Inputs/Outputs Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IIH, IIL
Input Current SDA, SCL
VIN = 0V or VDD
-1
1
A
VIH
Logic High Input Voltage SDA, SCL
0.7xVDD
V
VIL
Logic Low Input Voltage SDA, SCL
0.3xVDD
V
VOL(SDA)
SDA Output Low Voltage
ISINK = 3mA
0.4
V
VKEYopen
Keyscan Open Input Voltage
0.8xVDD
V
VKEYshort
Keyscan Short Input Voltage
0.7x VDD
V
VOL(IRQ)
Interrupt Output Low Voltage
ISINK = 3mA
0.4
V
∆VI
Hysteresis Voltage
DIN, CLK, LD/CS
1
V
CB
Capacitive Load for each Bus Line
550
pF
Open Detection Level Threshold
0.7x
VDD
0.75x
VDD
0.8x
VDD
V
Short Detection Level Threshold
0.05x
VDD
0.1x
VDD
0.15x VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27