Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

L44 Marking, BAT54S Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # BAT54S
Description  Multiple Terminals SMD Schottky Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BAT54S Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  BAT54S Datasheet HTML 1Page - TAITRON Components Incorporated BAT54S Datasheet HTML 2Page - TAITRON Components Incorporated BAT54S Datasheet HTML 3Page - TAITRON Components Incorporated BAT54S Datasheet HTML 4Page - TAITRON Components Incorporated BAT54S Datasheet HTML 5Page - TAITRON Components Incorporated BAT54S Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Multiple Terminals SMD Schottky Diodes
Rev. A/AH 2008-03-14
BAT54/A/C/S
www.taitroncomponents.com
Page 4 of 6
Mounting Pad Layout in mm (inch)
Packing Information:
Carrier Tape Dimensions (in mm)
Note: Symbol A0, B0, K0 are determined by the maximum dimensions of the component size.
The clearance between the component and the cavity must be within
0.05 mm (0.002’’) min. to 0.50 mm (0.02’’) max. for 8 mm tape.
A0
B0
K0
D
P0
P
Product Type
See Note
1.55±0.5
4.0±0.1
4.0±0.1
W
E
T
D1
F
P2
SOT-23
8.0+0.3/-0.1
1.75±0.1
0.38±0.1
1.0±0.05
3.5±0.5
2.0±0.05



Html Pages

1 2 3 4 5 6