Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

L44 Marking, BAT54S Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # BAT54S
Description  Multiple Terminals SMD Schottky Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BAT54S Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  BAT54S Datasheet HTML 1Page - TAITRON Components Incorporated BAT54S Datasheet HTML 2Page - TAITRON Components Incorporated BAT54S Datasheet HTML 3Page - TAITRON Components Incorporated BAT54S Datasheet HTML 4Page - TAITRON Components Incorporated BAT54S Datasheet HTML 5Page - TAITRON Components Incorporated BAT54S Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. A/AH 2008-03-14
BAT54/A/C/S
Multiple Terminals
SMD Schottky Diodes
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 6
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Multiple Terminals SMD Schottky Diodes
Features
• Low Turn-on Voltage
• Fast Switching
• High Conductance
• Electrically Identical to Standard JEDEC
• RoHS Compliant
Mechanical Data
Case:
SOT-23, Plastic Package
Terminals:
Solderable per MIL-STD-202G, Method 208
Weight:
Approx. 0.008 gram
Maximum Ratings & Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Symbol
Description
BAT54
BAT54A
BAT54C
BAT54S
Unit
Conditions
Pinout Figure
1
5
4
3
Marking Code
L4
L42
L43
L44
VRRM
Repetitive Peak Reverse Voltage
30
V
IF(AV)
Maximum Average Forward Current
200
mA
TA=75° C
IFSM
Peak Forward Surge Current, Pulse
Width=1.0s (JEDEC Method)
600
mA
0.24
IF=0.1mA
0.32
IF=1.0mA
0.4
IF=10mA
0.5
IF=30mA
VF
Forward Voltage
1.0
V
IF=100mA
IR
Maximum Reverse Current
2.0
µA
VR= 25V
CJ
Junction Capacitance
10
pF
VR=1V, f=1MHz
RthJA
Thermal Resistance, Junction to
Ambient
635
° C /W
TJ,
TSTG
Operating Junction and Storage
Temperature Range
-55 to +125
° C
SOT-23


Similar Description - BAT54S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TWG4148T-16WS ETC2-TWG4148T-16WS Datasheet
179Kb / 4P
MULTIPLE TERMINALS SMD SWITCHING DIODE
logo
TAITRON Components Inco...
TWG4148T-16WS TAITRON-TWG4148T-16WS Datasheet
179Kb / 4P
MULTIPLE TERMINALS SMD SWITCHING DIODE
1N4148WS TAITRON-1N4148WS_11 Datasheet
245Kb / 5P
Two Terminals SMD Switching Diodes
BAS16TWS TAITRON-BAS16TWS Datasheet
278Kb / 4P
Multiple Terminals SMD Switching Diode
BAV70DWS TAITRON-BAV70DWS Datasheet
279Kb / 4P
Multiple Terminals SMD Switching Diode
BAV70WS TAITRON-BAV70WS Datasheet
307Kb / 4P
Multiple Terminals SMD Switching Diodes
BAV99DWS TAITRON-BAV99DWS Datasheet
279Kb / 4P
Multiple Terminals SMD Switching Diode
BAW56DWS TAITRON-BAW56DWS Datasheet
279Kb / 4P
Multiple Terminals SMD Switching Diode
MMBD3004BRM TAITRON-MMBD3004BRM Datasheet
258Kb / 4P
Multiple Terminals SMD Switching Diode
TZGC2V4TWS TAITRON-TZGC2V4TWS Datasheet
376Kb / 4P
200mW Multiple Terminals SMD Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com