| Electronic Components Datasheet Search |
|
K0393 Marking, RJK0393DPA Datasheet(PDF) 1 Page - Renesas Technology Corp |
|
||||||||||||||||||||||||||||||
RJK0393DPA Datasheet(HTML) 1 Page - Renesas Technology Corp |
|
1 / 7 page ![]() REJ03G1784-0220 Rev.2.20 Page 1 of 6 May 21, 2010 Preliminary Datasheet RJK0393DPA Silicon N Channel Power MOS FET Power Switching Features High speed switching Capable of 4.5V gate drive Low drive current High density mounting Low on-resistance RDS(on) = 3.3 m typ. (at VGS = 10 V) Pb-free Halogen-free Outline RENESAS Package code: PWSN0008DC-A (Package name: WPAK(2)) G D SS S DD D 4 12 3 56 7 8 1, 2, 3 Source 4 Gate 5, 6, 7, 8 Drain 8 7 6 5 2 1 3 4 Absolute Maximum Ratings (Ta = 25°C) Item Symbol Ratings Unit Drain to source voltage VDSS 30 V Gate to source voltage VGSS 20 V Drain current ID 40 A Drain peak current ID(pulse) Note1 160 A Body-drain diode reverse drain current IDR 40 A Avalanche current IAP Note 2 16 A Avalanche energy EAR Note 2 25.6 mJ Channel dissipation Pch Note3 40 W Channel to case thermal impedance ch-C 3.13 C/W Channel temperature Tch 150 C Storage temperature Tstg –55 to +150 C Notes: 1. PW 10 s, duty cycle 1% 2. Value at Tch = 25 C, Rg 50 3. Tc = 25 C REJ03G1784-0220 Rev.2.20 May 21, 2010 |
Similar Description - RJK0393DPA |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |