| Electronic Components Datasheet Search |
|
K0393 Marking, RJK0393DPA Datasheet(PDF) 2 Page - Renesas Technology Corp |
|
||||||||||||||||||||||||||||||
RJK0393DPA Datasheet(HTML) 2 Page - Renesas Technology Corp |
|
2 / 7 page ![]() RJK0393DPA Preliminary REJ03G1784-0220 Rev.2.20 Page 2 of 6 May 21, 2010 Electrical Characteristics (Ta = 25°C) Item Symbol Min Typ Max Unit Test Conditions Drain to source breakdown voltage V(BR)DSS 30 — — V ID = 10 mA, VGS = 0 Gate to source leak current IGSS — — 0.1 A VGS = 20 V, VDS = 0 Zero gate voltage drain current IDSS — — 1 A VDS = 30 V, VGS = 0 Gate to source cutoff voltage VGS(off) 1.2 — 2.5 V VDS = 10 V, ID = 1 mA RDS(on) — 3.3 4.3 m ID = 20 A, VGS = 10 V Note4 Static drain to source on state resistance RDS(on) — 4.2 5.9 m ID = 20 A, VGS = 4.5 V Note4 Forward transfer admittance |yfs| — 100 — S ID = 20 A, VDS = 10 V Note4 Input capacitance Ciss — 3270 — pF Output capacitance Coss — 430 — pF Reverse transfer capacitance Crss — 225 — pF VDS = 10 V, VGS = 0, f = 1 MHz Gate Resistance Rg — 1.4 — Total gate charge Qg — 21 — nC Gate to source charge Qgs — 9.5 — nC Gate to drain charge Qgd — 4.7 — nC VDD = 10 V, VGS = 4.5 V, ID = 40 A Turn-on delay time td(on) — 13.2 — ns Rise time tr — 6.0 — ns Turn-off delay time td(off) — 52 — ns Fall time tf — 7.1 — ns VGS = 10 V, ID = 20 A, VDD 10 V, RL = 0.5 , Rg = 4.7 Body–drain diode forward voltage VDF — 0.83 1.08 V IF = 40 A, VGS = 0 Note4 Body–drain diode reverse recovery time trr — 23.5 — ns IF = 40 A, VGS = 0 diF/ dt = 100 A/ s Notes: 4. Pulse test |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |