Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

A6 Marking, MIC803-40D4VC3 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC803-40D4VC3
Description  3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC803-40D4VC3 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC803-40D4VC3 Datasheet HTML 1Page - Micrel Semiconductor MIC803-40D4VC3 Datasheet HTML 2Page - Micrel Semiconductor MIC803-40D4VC3 Datasheet HTML 3Page - Micrel Semiconductor MIC803-40D4VC3 Datasheet HTML 4Page - Micrel Semiconductor MIC803-40D4VC3 Datasheet HTML 5Page - Micrel Semiconductor MIC803-40D4VC3 Datasheet HTML 6Page - Micrel Semiconductor MIC803-40D4VC3 Datasheet HTML 7Page - Micrel Semiconductor MIC803-40D4VC3 Datasheet HTML 8Page - Micrel Semiconductor MIC803-40D4VC3 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Micrel, Inc.
MIC803
December 2010
5
M9999-122310-A
Electrical Characteristics (Continued)
For typical values, VCC = 5.0V for MIC803-46/44/41/40, VCC = 3.3V for MIC803-31/30/29, VCC = 3.0V for MIC803-26; TJ = 25°C, Bold
values indicate –40°C < TJ < +125°C; unless noted.
Parameter
Conditions
Min
Typ
Max
Units
Reset Time
VCC to /RESET Delay (tD)
VCC = VTH to (VTH – 100mV)
15
μs
TJ = -40˚C to +85˚C
20
35
44
D2
TJ = +85˚C to +125˚C
16
48
TJ = -40˚C to +85˚C
140
230
360
D3
TJ = +85˚C to +125˚C
112
420
TJ = -40˚C to +85˚C
1120
1800
2400
Reset Timeout Period (tRESET)
D4
TJ = +85˚C to +125˚C
900
3200
ms
Reset Output
VCC ≥ 4.0V, ISINK = 3.2mA
0.4
V
VCC > 2.5V, ISINK = 1.2mA
0.3
V
/RESET Output Voltage (VOL)
VCC ≥ 1.0V, ISINK = 50μA
0.3
V
/RESET Output Leakage
VCC > VTH, /RESET deasserted
1
μA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com