| Electronic Components Datasheet Search |
|
A6 Marking, MIC803-40D4VC3 Datasheet(PDF) 3 Page - Micrel Semiconductor |
|
||||||||||||||||||||||||||||||
MIC803-40D4VC3 Datasheet(HTML) 3 Page - Micrel Semiconductor |
|
3 / 10 page ![]() Micrel, Inc. MIC803 December 2010 3 M9999-122310-A Part Number Marking Nominal VTH (V) Min. tRESET (2) (ms) Junction Temperature Range Package MIC803-46D4VM3 AU 4.63 1120 –40° to +125°C SOT23-3 MIC803-44D4VM3 AR 4.38 1120 –40° to +125°C SOT23-3 MIC803-41D4VM3 AN 4.10 1120 –40° to +125°C SOT23-3 MIC803-40D4VM3 A6 4.00 1120 –40° to +125°C SOT23-3 MIC803-31D4VM3 AJ 3.08 1120 –40° to +125°C SOT23-3 MIC803-30D4VM3 AZ 3.00 1120 –40° to +125°C SOT23-3 MIC803-29D4VM3 A3 2.93 1120 –40° to +125°C SOT23-3 MIC803-26D4VM3 AC 2.63 1120 –40° to +125°C SOT23-3 Notes: 1. 1: All devices available in Tape and Reel only. 2. 2: –40° to +85°C Temp. Range Part Numbering Convention: Pin Configuration 3-Pin SC70 3-Pin SOT-23 Pin Description Pin Number Pin Name Pin Function 1 GND Ground Pin 2 /RESET /RESET goes low if VCC falls below the reset threshold (VTH), and remains asserted for one timeout period after VCC exceeds VTH 3 VCC Power Supply Input and monitored voltage |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |