| Electronic Components Datasheet Search |
|
A3 Marking, MIC803-29D4VC3 Datasheet(PDF) 5 Page - Micrel Semiconductor |
|
||||||||||||||||||||||||||||||
MIC803-29D4VC3 Datasheet(HTML) 5 Page - Micrel Semiconductor |
|
5 / 10 page ![]() Micrel, Inc. MIC803 December 2010 5 M9999-122310-A Electrical Characteristics (Continued) For typical values, VCC = 5.0V for MIC803-46/44/41/40, VCC = 3.3V for MIC803-31/30/29, VCC = 3.0V for MIC803-26; TJ = 25°C, Bold values indicate –40°C < TJ < +125°C; unless noted. Parameter Conditions Min Typ Max Units Reset Time VCC to /RESET Delay (tD) VCC = VTH to (VTH – 100mV) 15 μs TJ = -40˚C to +85˚C 20 35 44 D2 TJ = +85˚C to +125˚C 16 48 TJ = -40˚C to +85˚C 140 230 360 D3 TJ = +85˚C to +125˚C 112 420 TJ = -40˚C to +85˚C 1120 1800 2400 Reset Timeout Period (tRESET) D4 TJ = +85˚C to +125˚C 900 3200 ms Reset Output VCC ≥ 4.0V, ISINK = 3.2mA 0.4 V VCC > 2.5V, ISINK = 1.2mA 0.3 V /RESET Output Voltage (VOL) VCC ≥ 1.0V, ISINK = 50μA 0.3 V /RESET Output Leakage VCC > VTH, /RESET deasserted 1 μA Notes: 1. Exceeding the absolute maximum rating may damage the device. 2. The device is not guaranteed to function outside its operating rating. 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF. 4. Specification for packaged product only. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |