| Electronic Components Datasheet Search |
|
A3 Marking, MIC803-29D4VC3 Datasheet(PDF) 4 Page - Micrel Semiconductor |
|
||||||||||||||||||||||||||||||
MIC803-29D4VC3 Datasheet(HTML) 4 Page - Micrel Semiconductor |
|
4 / 10 page ![]() Micrel, Inc. MIC803 December 2010 4 M9999-122310-A Absolute Maximum Ratings (1) Supply Voltage (VCC)....................................... -0.3V to 6.0V Reset Output (/RESET)................................... -0.3V to 6.0V Input Current (VCC) ......................................................20mA Output Current (/RESET) ............................................20mA Rate of Rise (VCC) ...................................................100V/us Junction Temperature (TJ)…………………………....+150˚C Lead Temperature (soldering, 10sec.)....................... 260°C Storage Temperature (TS)..........................-65°C to +150°C ESD Rating (3).................................................................. 3kV Operating Ratings (2) Supply Voltage (VCC)........................................ 1.0V to 5.5V Reset Output Voltage (/RESET) ...................... 0.0V to 5.5V Junction Temperature (TJ) ........................–40°C to +125°C Junction Thermal Resistance 3-Pin SC70 ( θJA) ..............................................260°C/W 3-Pin SOT23 ( θJA)............................................203°C/W Electrical Characteristics (4) For typical values, VCC = 5.0V for MIC803-46/44/41/40, VCC = 3.3V for MIC803-31/30/29, VCC = 3.0V for MIC803-26; TJ = 25°C, Bold values indicate –40°C < TJ < +125°C; unless noted. Parameter Conditions Min Typ Max Units Power Supply Input TJ = -40˚C to +85˚C 1.0 5.5 Operating Voltage Range (VCC) TJ = -40˚C to +125˚C 1.2 5.5 V VCC = 5.5V, no Load 5.5 15 TJ = -40˚C to +85˚C VCC = 3.6V, no Load 4.5 10 VCC = 5.5V, no Load 18 Supply Current (ICC) TJ = +85˚C to +125˚C VCC = 3.6V, no Load 13 µA Voltage Threshold TJ = -40˚C to +85˚C 4.50 4.63 4.75 MIC803-46 TJ = -40˚C to +125˚C 4.44 4.82 TJ = -40˚C to +85˚C 4.25 4.38 4.50 MIC803-44 TJ = -40˚C to +125˚C 4.20 4.56 TJ = -40˚C to +85˚C 4.00 4.10 4.20 MIC803-41 TJ = -40˚C to +125˚C 3.97 4.24 TJ = -40˚C to +85˚C 3.89 4.00 4.10 MIC803-40 TJ = -40˚C to +125˚C 3.80 4.20 TJ = -40˚C to +85˚C 3.00 3.08 3.15 MIC803-31 TJ = -40˚C to +125˚C 2.95 3.21 TJ = -40˚C to +85˚C 2.93 3.00 3.08 MIC803-30 TJ = -40˚C to +125˚C 2.90 3.11 TJ = -40˚C to +85˚C 2.82 2.93 3.00 MIC803-29 TJ = -40˚C to +125˚C 2.81 3.05 TJ = -40˚C to +85˚C 2.55 2.63 2.70 Reset Threshold (VTH) MIC803-26 TJ = -40˚C to +125˚C 2.50 2.76 V |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |